Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8500AKSZ-R2 Datasheet(PDF) 4 Page - Analog Devices

Part # AD8500AKSZ-R2
Description  Micropower Precision CMOS Operational Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8500AKSZ-R2 Datasheet(HTML) 4 Page - Analog Devices

  AD8500AKSZ-R2 Datasheet HTML 1Page - Analog Devices AD8500AKSZ-R2 Datasheet HTML 2Page - Analog Devices AD8500AKSZ-R2 Datasheet HTML 3Page - Analog Devices AD8500AKSZ-R2 Datasheet HTML 4Page - Analog Devices AD8500AKSZ-R2 Datasheet HTML 5Page - Analog Devices AD8500AKSZ-R2 Datasheet HTML 6Page - Analog Devices AD8500AKSZ-R2 Datasheet HTML 7Page - Analog Devices AD8500AKSZ-R2 Datasheet HTML 8Page - Analog Devices AD8500AKSZ-R2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
AD8500
Rev. B | Page 4 of 12
@ VS = 1.8 V, VCM = VS/2, TA = 25°C, unless otherwise noted.
Table 3.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
INPUT CHARACTERISTICS
Offset Voltage
VOS
0 V < VCM < 1.8 V
0.235
1
mV
Offset Voltage Drift
∆VOS/∆T
−40°C < TA < +85°C
3.5
12
μV/°C
Input Voltage Range
−0.3
+2.1
V
Input Bias Current
IB
1
10
pA
−40°C < TA < +85°C
100
pA
−40°C < TA < +125°C
600
pA
Input Offset Current
IOS
0.5
5
pA
−40°C < TA < +85°C
50
pA
−40°C < TA < +125°C
100
pA
Common-Mode Rejection Ratio
CMRR
0 V < VCM < 1.8 V
65
85
dB
−40°C < TA < +85°C
60
83
dB
Large Signal Voltage Gain
AVO
0.1 V < VOUT < 1.7 V
88
115
dB
0.1 V < VOUT < 1.7 V; −40°C < TA < +85°C
70
dB
Input Capacitance
CDIFF
2
pF
CCM
4.5
pF
OUTPUT CHARACTERISTICS
Output Voltage High
VOH
RLOAD = 100 kΩ to GND
1.790
1.798
V
RLOAD = 10 kΩ to GND
1.760
1.783
V
Output Voltage Low
VOL
RLOAD = 100 kΩ to VS
0.70
5
mV
RLOAD = 10 kΩ to VS
5
15
mV
Short-Circuit Current
ISC
±2
mA
POWER SUPPLY
Power Supply Rejection Ratio
PSRR
1.8 V < VS < 5 V
90
110
dB
−40°C < TA < +85°C
80
dB
Supply Current/Amplifier
ISY
VO = VS/2
0.65
1
μA
−40°C < TA < +85°C
1.5
μA
−40°C < TA < +125°C
2
μA
DYNAMIC PERFORMANCE
Slew Rate
SR
0.004
V/μs
Gain Bandwidth Product
GBP
7
kHz
Phase Margin
ØO
60
Degrees
NOISE PERFORMANCE
Peak-to-Peak Noise
0.1 Hz to 10 Hz
6
μV p-p
Voltage Noise Density
en
f = 1 kHz
190
nV/√Hz
Current Noise Density
in
f = 1 kHz
0.1
pA/√Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com