Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8500AKSZ-R2 Datasheet(PDF) 8 Page - Analog Devices

Part # AD8500AKSZ-R2
Description  Micropower Precision CMOS Operational Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8500AKSZ-R2 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD8500AKSZ-R2 Datasheet HTML 4Page - Analog Devices AD8500AKSZ-R2 Datasheet HTML 5Page - Analog Devices AD8500AKSZ-R2 Datasheet HTML 6Page - Analog Devices AD8500AKSZ-R2 Datasheet HTML 7Page - Analog Devices AD8500AKSZ-R2 Datasheet HTML 8Page - Analog Devices AD8500AKSZ-R2 Datasheet HTML 9Page - Analog Devices AD8500AKSZ-R2 Datasheet HTML 10Page - Analog Devices AD8500AKSZ-R2 Datasheet HTML 11Page - Analog Devices AD8500AKSZ-R2 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
AD8500
Rev. B | Page 8 of 12
0.01
0.1
1
10
100
FREQUENCY (kHz)
10
20
30
40
50
60
70
80
90
100
110
120
0
VS = 5V
Figure 14. CMRR vs. Frequency
FREQUENCY (kHz)
10
20
30
40
50
60
70
80
90
100
0.01
0.1
1
10
100
0
VS = 5V
Figure 15. PSRR vs. Frequency
35
15
20
25
30
10
5
0
10
100
1000
LOAD CAPACITANCE (pF)
OS+
OS–
VS = 5V
Figure 16. Small Signal Overshoot vs. Load Capacitance
0.20
–0.20
0.15
–0.15
0.10
–0.10
0.05
–0.05
0
–0.0005
0
0.0005
0.0010
0.0015
TIME (Seconds)
VS = 5V
NO LOAD
Figure 17. Small Signal Transient Response
0.20
–0.20
0.15
–0.15
0.10
–0.10
0.05
–0.05
0
–0.0005
0
0.0005
0.0010
0.0015
TIME (Seconds)
VS = 5V
CL = 100pF
Figure 18. Small Signal Transient Response
6
5
4
3
1
2
0
–0.002
0.001
0.002
0.003
0.004
0.005
0.006
0.007
0
–0.001
0.008
TIME (Seconds)
VS = 5V
NO LOAD
Figure 19. Large Signal Transient Response



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com