Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8500AKSZ-R2 Datasheet(PDF) 1 Page - Analog Devices

Part # AD8500AKSZ-R2
Description  Micropower Precision CMOS Operational Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8500AKSZ-R2 Datasheet(HTML) 1 Page - Analog Devices

  AD8500AKSZ-R2 Datasheet HTML 1Page - Analog Devices AD8500AKSZ-R2 Datasheet HTML 2Page - Analog Devices AD8500AKSZ-R2 Datasheet HTML 3Page - Analog Devices AD8500AKSZ-R2 Datasheet HTML 4Page - Analog Devices AD8500AKSZ-R2 Datasheet HTML 5Page - Analog Devices AD8500AKSZ-R2 Datasheet HTML 6Page - Analog Devices AD8500AKSZ-R2 Datasheet HTML 7Page - Analog Devices AD8500AKSZ-R2 Datasheet HTML 8Page - Analog Devices AD8500AKSZ-R2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Micropower Precision CMOS
Operational Amplifier
AD8500
Rev. B
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2006–2009 Analog Devices, Inc. All rights reserved.
FEATURES
Supply current: 1
μA maximum
Offset voltage: 1 mV maximum
Single-supply or dual-supply operation
Rail-to-rail input and output
No phase reversal
Unity gain stable
APPLICATIONS
Portable equipment
Remote sensors
Low power filters
Threshold detectors
Current sensing
PIN CONFIGURATION
AD8500
TOP VIEW
(Not to Scale)
OUT A 1
V–
2
+IN
3
V+
–IN
5
4
Figure 1. 5-Lead SC70
GENERAL DESCRIPTION
The AD8500 is a low power, precision CMOS op amp featuring
a maximum supply current of 1 μA. The AD8500 has a maximum
offset voltage of 1 mV and a typical input bias current of 1 pA; it
operates rail-to-rail on both the input and output. The AD8500
can operate from a single-supply voltage of +1.8 V to +5.5 V or
a dual-supply voltage of ±0.9 V to ±2.75 V.
With its low power consumption, low input bias current, and
rail-to-rail input and output, the AD8500 is ideally suited for
a variety of battery-powered portable applications. Potential
applications include ECGs, pulse monitors, glucose meters,
smoke and fire detectors, vibration monitors, and backup
battery sensors.
The ability to swing rail-to-rail at both the input and output
helps maximize dynamic range and signal-to-noise ratio in
systems that operate at very low voltages. The low offset voltage
allows the AD8500 to be used in systems with high gain without
having excessively large output offset errors, and it provides
high accuracy without the need for system calibration.
The AD8500 is fully specified over the industrial temperature
range (−40°C to +85°C) and is operational over the extended
industrial temperature range (−40°C to +125°C). It is available
in a 5-lead, SC70 surface-mount package.
Table 1. Low Supply Current Op Amps
Supply Current
1 μA
10 μA
20 μA
Single
AD8500
Dual
AD8502
ADA4505-2
AD8506
Quad
AD8504
ADA4505-4
AD8508


Similar Part No. - AD8500AKSZ-R2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8500AKSZ-R2 AD-AD8500AKSZ-R2 Datasheet
630Kb / 12P
Micropower Precision CMOS Operational Amplifier
8/06-Rev. 0 to Rev. A
More results

Similar Description - AD8500AKSZ-R2

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMC6061 NSC-LMC6061 Datasheet
312Kb / 12P
Precision CMOS Single Micropower Operational Amplifier
LMC6062 NSC-LMC6062 Datasheet
321Kb / 12P
Precision CMOS Dual Micropower Operational Amplifier
LMC6064 NSC-LMC6064 Datasheet
329Kb / 12P
Precision CMOS Quad Micropower Operational Amplifier
logo
Analog Devices
AD8500 AD-AD8500 Datasheet
630Kb / 12P
Micropower Precision CMOS Operational Amplifier
8/06-Rev. 0 to Rev. A
logo
Texas Instruments
LMC6064EP TI1-LMC6064EP Datasheet
480Kb / 18P
Precision CMOS Quad Micropower Operational Amplifier
logo
Analog Devices
AD8500 AD-AD8500_15 Datasheet
457Kb / 12P
Micropower Precision CMOS Operational Amplifier
REV. B
logo
Advanced Linear Devices
ALD1731A ALD-ALD1731A Datasheet
92Kb / 9P
PRECISION MICROPOWER CMOS OPERATIONAL AMPLIFIER
ALD2731A ALD-ALD2731A Datasheet
92Kb / 9P
PRECISION DUAL MICROPOWER CMOS OPERATIONAL AMPLIFIER
logo
ADL Embedded Solutions
ALD1721 ADL-ALD1721 Datasheet
108Kb / 9P
PRECISION MICROPOWER CMOS OPERATIONAL AMPLIFIER
2011
logo
Advanced Linear Devices
ALD1726 ALD-ALD1726 Datasheet
104Kb / 9P
PRECISION ULTRA MICROPOWER CMOS OPERATIONAL AMPLIFIER
2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com