Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8500AKSZ-R2 Datasheet(PDF) 9 Page - Analog Devices

Part # AD8500AKSZ-R2
Description  Micropower Precision CMOS Operational Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8500AKSZ-R2 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD8500AKSZ-R2 Datasheet HTML 4Page - Analog Devices AD8500AKSZ-R2 Datasheet HTML 5Page - Analog Devices AD8500AKSZ-R2 Datasheet HTML 6Page - Analog Devices AD8500AKSZ-R2 Datasheet HTML 7Page - Analog Devices AD8500AKSZ-R2 Datasheet HTML 8Page - Analog Devices AD8500AKSZ-R2 Datasheet HTML 9Page - Analog Devices AD8500AKSZ-R2 Datasheet HTML 10Page - Analog Devices AD8500AKSZ-R2 Datasheet HTML 11Page - Analog Devices AD8500AKSZ-R2 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
AD8500
Rev. B | Page 9 of 12
TIME (40µs/DIV)
VS
VOUT
GAIN = +1
VIN = VS/2
Figure 20. Turn-On Transient Response
4
3
2
1
0
–1
–2
–3
–4
–0.005
–0.003
–0.001
0.001
0.003
0.005
0.007
0.009
TIME (s)
VOUT
VIN
VS = 5V
Figure 21. No Phase Reversal
4
2
0
1
3
–1
–2
–4
–3
–5
–4
–3
–2
–1
0
1
2
3
4
5
TIME (Seconds)
VS = 5V AND 1.8V
Figure 22. 0.1 Hz to 10 Hz Input Voltage Noise
1000
100
10
1
10
100
1k
10k
FREQUENCY (Hz)
VS = 5V AND 1.8V
Figure 23. Voltage Noise Density
–1000
–750
–500
–250
0
250
500
750
1000
500
300
400
200
100
0
VOS (µV)
VS = 1.8V
0V < VCM < 1.8V
Figure 24. Input Offset Voltage Distribution
0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5 6.0 6.5 7.0 7.5 8.0 8.5
12
8
2
6
10
4
0
TCVOS (µV/°C)
VS = 1.8V
–40°C < TA < +85°C
Figure 25. Input Offset Voltage Drift Distribution



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com