Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8500AKSZ-R2 Datasheet(PDF) 6 Page - Analog Devices

Part # AD8500AKSZ-R2
Description  Micropower Precision CMOS Operational Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8500AKSZ-R2 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD8500AKSZ-R2 Datasheet HTML 2Page - Analog Devices AD8500AKSZ-R2 Datasheet HTML 3Page - Analog Devices AD8500AKSZ-R2 Datasheet HTML 4Page - Analog Devices AD8500AKSZ-R2 Datasheet HTML 5Page - Analog Devices AD8500AKSZ-R2 Datasheet HTML 6Page - Analog Devices AD8500AKSZ-R2 Datasheet HTML 7Page - Analog Devices AD8500AKSZ-R2 Datasheet HTML 8Page - Analog Devices AD8500AKSZ-R2 Datasheet HTML 9Page - Analog Devices AD8500AKSZ-R2 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
AD8500
Rev. B | Page 6 of 12
000
TYPICAL PERFORMANCE CHARACTERISTICS
TA = 25°C, unless otherwise noted.
1200
800
1000
400
600
200
0
–1000
–750
750
–500
500
–250
250
01
VOS (µV)
VS = 5V
0V < VCM < 5V
Figure 2. Input Offset Voltage Distribution
12
4
6
0
2
8
10
TCVOS (µV/°C)
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
VS = 5V
–40°C < TA < +85°C
Figure 3. Input Offset Voltage Drift Distribution
1000
–1000
800
–800
400
–400
600
–600
200
–200
0
VCM (V)
0
123
45
VS = 5V
Figure 4. Input Offset Voltage vs. Common-Mode Voltage
–40
–20
0
20
40
60
80
100
120
1000
10
100
0.1
1
0.01
0.001
TEMPERATURE (°C)
VS = 5V AND 1.8V
Figure 5. Input Bias Current vs. Temperature
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
1000
10
100
0.1
1
0.01
0.001
VCM (V)
IB (+85°C)
IB (+25°C)
IB (–40°C)
IB (+125°C)
VS = 5V
Figure 6. Input Bias Current vs. Common-Mode Voltage
0.5
0.6
0.7
0.8
0.9
1.0
70
30
40
50
60
20
10
0
SUPPLY CURRENT (µA)
VS = 5V
Figure 7. Supply Current Distribution



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com