Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX391C/D Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX391C/D
Description  Precision, Quad, SPST Analog Switches
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX391C/D Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX391C/D Datasheet HTML 3Page - Maxim Integrated Products MAX391C/D Datasheet HTML 4Page - Maxim Integrated Products MAX391C/D Datasheet HTML 5Page - Maxim Integrated Products MAX391C/D Datasheet HTML 6Page - Maxim Integrated Products MAX391C/D Datasheet HTML 7Page - Maxim Integrated Products MAX391C/D Datasheet HTML 8Page - Maxim Integrated Products MAX391C/D Datasheet HTML 9Page - Maxim Integrated Products MAX391C/D Datasheet HTML 10Page - Maxim Integrated Products MAX391C/D Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
Precision, Quad, SPST Analog Switches
_______________________________________________________________________________________
7
__________Applications Information
Overvoltage Protection
Proper power-supply sequencing is recommended for
all CMOS devices. Do not exceed the absolute maxi-
mum ratings, because stresses beyond the listed rat-
ings may cause permanent damage to the devices.
Always sequence V+ on first, followed by V-, and then
logic inputs. If power-supply sequencing is not possi-
ble, add two small signal diodes in series with supply
pins for overvoltage protection (Figure 1). Adding
diodes reduces the analog signal range to 1V below V+
and 1V below V-, but low switch resistance and low
leakage characteristics are unaffected. Device opera-
tion is unchanged, and the difference between V+ and
V- should not exceed 17V.
______________________________________________________________Pin Description
POSITIVE SUPPLY
COM
NEGATIVE SUPPLY
NO
Vg
V+
V-
Figure 1. Overvoltage Protection Using Two External Blocking
Diodes
PIN
DIP/SO/TSSOP
QFN
NAME
FUNCTION
1, 16, 9, 8
15, 14, 7, 6
IN1–IN4
Inputs
2, 15, 10, 7
16, 13, 8, 5
COM1–COM
Analog Switch Common Terminal
3, 14, 11, 6
1, 12, 9, 4
NO1–NO4
or
NC1–NC4
Switch Inputs
4
2
V-
Negative-Supply Voltage Input
5
3
GND
Ground
12
10
N.C.
No Connection. Not internally connected
13
11
V+
Positive-Supply Voltage Input—connected to substrate
—
EP
EP
Exposed Pad. Connect to V+.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com