Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX391C/D Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX391C/D
Description  Precision, Quad, SPST Analog Switches
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX391C/D Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX391C/D Datasheet HTML 2Page - Maxim Integrated Products MAX391C/D Datasheet HTML 3Page - Maxim Integrated Products MAX391C/D Datasheet HTML 4Page - Maxim Integrated Products MAX391C/D Datasheet HTML 5Page - Maxim Integrated Products MAX391C/D Datasheet HTML 6Page - Maxim Integrated Products MAX391C/D Datasheet HTML 7Page - Maxim Integrated Products MAX391C/D Datasheet HTML 8Page - Maxim Integrated Products MAX391C/D Datasheet HTML 9Page - Maxim Integrated Products MAX391C/D Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Precision, Quad, SPST Analog Switches
6
_______________________________________________________________________________________
__________________________________________Typical Operating Characteristics
(TA = +25°C, unless otherwise noted.)
1000
100
0.01
-40
85
FORWARD SHUTDOWN CURRENT
vs. TEMPERATURE
0.1
1
10
TEMPERATURE (
°C)
60
35
10
-15
VCC = 5V
VCC = 3.3V
10
-5.0
-2.5
2.5
RON vs. VCOM AND
TEMPERATURE (DUAL SUPPLIES)
35
VCOM (V)
05.0
25
15
30
20
40
V+ = +5V,
V- = -5V
A: TA = +125
°C
B: TA = +85
°C
C: TA = +25
°C
D: TA = -55
°C
A
B
C
D
0
04
8
RON vs. VCOM
(SINGLE SUPPLY)
100
VCOM (V)
610
60
20
80
40
120
V- = 0V
12
2
V+ = 3V
V+ = 5V
V+ = 12V
0
01
3
RON vs. VCOM AND
TEMPERATURE (SINGLE SUPPLY)
100
VCOM (V)
24
60
20
80
40
120
5
A: TA = +125
°C
B: TA = +85
°C
C: TA = +25
°C
D: TA = -55
°C
A
B
C
D
V+ = 5V
V- = 0V
-30
-5.0
CHARGE INJECTION vs. VCOM
20
VCOM (V)
05.0
0
-20
10
-10
30
-2.5
2.5
V+ = +5V, V- = -5V
V+ = 5V
V- = 0V
0.0001
-75
OFF-LEAKAGE CURRENT vs.
TEMPERATURE
10
TEMPERATURE (
°C)
25
125
0.1
0.001
1
0.01
100
V+ = +5.5V, V- = -5.5V
VCOM =
±4.5V
VNC OR VNO =
±4.5V
-25
75
0.0001
-75
ON-LEAKAGE CURRENT vs.
TEMPERATURE
10
TEMPERATURE (
°C)
25
125
0.1
0.001
1
0.01
100
V+ = +5.5V, V- = -5.5V
VCOM =
±4.5V
-25
75
0.0001
-75
SUPPLY CURRENT vs. TEMPERATURE
10
TEMPERATURE (
°C)
25
125
0.1
0.001
1
0.01
100
I- AT V- = -5.5V
I+ AT V+ = +5.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com