Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX391C/D Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX391C/D
Description  Precision, Quad, SPST Analog Switches
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX391C/D Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX391C/D Datasheet HTML 1Page - Maxim Integrated Products MAX391C/D Datasheet HTML 2Page - Maxim Integrated Products MAX391C/D Datasheet HTML 3Page - Maxim Integrated Products MAX391C/D Datasheet HTML 4Page - Maxim Integrated Products MAX391C/D Datasheet HTML 5Page - Maxim Integrated Products MAX391C/D Datasheet HTML 6Page - Maxim Integrated Products MAX391C/D Datasheet HTML 7Page - Maxim Integrated Products MAX391C/D Datasheet HTML 8Page - Maxim Integrated Products MAX391C/D Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Precision, Quad, SPST Analog Switches
4
_______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS—Single +5V Supply
(V+ = +5V ±10%, V- = 0V ±10%, GND = 0V, VINH = 2.4V, VINL = 0.8V, TA = TMIN to TMAX, unless otherwise noted.)
PARAMETER
SYMBOL
MIN
TYP
MAX
(Note 2)
UNITS
Analog Signal Range
VCOM_,
VNO_,
VNC_
0V+
V
CONDITIONS
(Note 3)
On-Resistance
RON
30
60
Ω
V+ = 4.5V,
ICOM_ = -10mA,
VNO_ or VNC_ = 3.5V
Turn-On Time
tON
85
170
ns
VNO_ or VNC_ = 3V
Break-Before-Make Time
Delay (Note 3)
tD
10
ns
MAX393 only, RL = 300Ω, CL = 35pF
Turn-Off Time
tOFF
25
50
ns
VNO_ or VNC_ = 3V
Negative Supply Current
I-
-1
+1
µA
Positive Supply Current
I+
-1
+1
µA
Charge Injection
(Note 3)
Q
15
pC
CL = 1.0nF, VGEN = 0V,
RGEN = 0V, Figure 4
On-Resistance Match
Between Channels (Note 4)
ΔRON
0.8
2
Ω
V+ = 5V,
ICOM_ = -1.0mA,
VNO_ or VNC_ = 3V
On-Resistance Flatness
(Notes 3, 5)
RFLAT(ON)
26
Ω
V+ = 5V,
ICOM_ = -1.0mA,
VNO_ or VNC_ = 1V, 3V
NO or NC Off-Leakage
Current (Note 9)
INO(OFF)
or
INC(OFF)
-0.25
±0.01
+0.25
nA
V+ = 5.5V,
VCOM_ = 0V,
VNO_ or VNC_ = 4.5V
COM Off-Leakage Current
(Note 9)
ICOM(OFF)
-0.1
+0.1
nA
V+ = 5.5V,
VCOM_ = 0V,
VNO_ or VNC_ = 4.5V
COM On-Leakage Current
(Note 9)
ICOM(ON)
-0.2
+0.2
nA
V+ = 5.5V,
VCOM_ = 5V,
VNO_ or VNC_ = 4.5V
TA = +25°C
TA = +25°C
TA = +25°C
TA = +25°C
TA = +25°C
TA = +25°C
TA = TMIN to TMAX
TA = TMIN to TMAX
TA = TMIN to TMAX
75
4
8
-0.1
+0.1
-2.5
+2.5
TA = TMIN
to TMAX
TA = TMIN
to TMAX
TA = TMIN
to TMAX
C, E
M
C, E
M
C, E
M
-5.0
+5.0
-2.5
+2.5
-20
+20
-5.0
+5.0
TA = +25°C
TA = +25°C
TA = TMIN to TMAX
TA = TMIN to TMAX
240
100
TA = +25°C
V+ = 5.5V, VIN = 0V or V+, all channels on or off
V+ = 5.5V, VIN = 0V or V+, all channels on or off
ANALOG SWITCH
DYNAMIC
SUPPLY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com