Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX391C/D Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX391C/D
Description  Precision, Quad, SPST Analog Switches
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX391C/D Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX391C/D Datasheet HTML 1Page - Maxim Integrated Products MAX391C/D Datasheet HTML 2Page - Maxim Integrated Products MAX391C/D Datasheet HTML 3Page - Maxim Integrated Products MAX391C/D Datasheet HTML 4Page - Maxim Integrated Products MAX391C/D Datasheet HTML 5Page - Maxim Integrated Products MAX391C/D Datasheet HTML 6Page - Maxim Integrated Products MAX391C/D Datasheet HTML 7Page - Maxim Integrated Products MAX391C/D Datasheet HTML 8Page - Maxim Integrated Products MAX391C/D Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Precision, Quad, SPST Analog Switches
________________________________________________________________
Maxim Integrated Products
1
SWITCHES SHOWN FOR LOGIC "0" INPUT
DIP/SO
MAX392
LOGIC
SWITCH
0
1
OFF
ON
TOP VIEW
DIP/SO
MAX391
LOGIC
SWITCH
0
1
ON
OFF
DIP/SO
MAX393
LOGIC
SWITCHES
1, 4
0
1
OFF
ON
SWITCHES
2, 3
ON
OFF
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
IN2
COM2
NC2
V+
V-
NO1
COM1
IN1
MAX393
N.C.
NC3
COM3
IN3
IN4
COM4
NO4
GND
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
IN2
COM2
NC2
V+
V-
NC1
COM1
IN1
MAX391
N.C.
NC3
COM3
IN3
IN4
COM4
NC4
GND
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
IN2
COM2
NO2
V+
V-
NO1
COM1
IN1
MAX392
N.C.
NO3
COM3
IN3
IN4
COM4
NO4
GND
N.C. = NO CONNECT
_____________________Pin Configurations/Functional Diagrams/Truth Tables
19-0236; Rev 3; 8/06
Ordering Information continued on last page.
*
Contact factory for dice specifications.
†EP = Exposed pad.
Ordering Information
_______________General Description
The MAX391/MAX392/MAX393 are precision, quad,
single-pole/single-throw (SPST) analog switches
designed to operate at +3V, +5V, or ±5V. The MAX391
has four normally closed (NC) switches, and the
MAX392 has four normally open (NO) switches. The
MAX393 has two NO and two NC switches. All three
devices offer low leakage (100pA max) and fast switch-
ing speeds (tON ≤ 130ns, tOFF ≤ 75ns). Power con-
sumption is just 1µW—ideal for battery-operated equip-
ment. All devices operate from a single +3V to +15V
supply or from dual ±3.0V to ±8V supplies.
With ±5V supplies, the MAX391/MAX392/MAX393 offer
guaranteed 2Ω max channel-to-channel matching, 30Ω
max on-resistance (RON), and 4Ω max RON flatness
over the specified range.
These switches are also fully specified for single +5V
operation, with 2Ω max RON match, 60Ω max RON, and
6Ω max flatness.
These low-voltage switches also offer 5pC max charge
injection, and ESD protection is greater than 2000V, per
method 3015.7.
________________________Applications
Battery-Operated Systems Sample-and-Hold Circuits
Heads-Up Displays
Guidance and Control Systems
Audio and Video Switching Military Radios
Test Equipment
Communications Systems
±5V DACs and ADCs
PBX, PABX
____________________________Features
♦ Low On-Resistance, 20Ω Typical
♦ Guaranteed On-Resistance Match Between
Channels, < 2Ω
♦ Guaranteed On-Resistance Flatness Over Signal
Range, 4Ω Max
♦ Guaranteed Charge Injection, < 5pC
♦ Improved Leakage Over Temperature,
< 2.5nA at +85°C
♦ Electrostatic Discharge > 2000V per Method
3015.7
♦ Single-Supply Operation (+3V to +15V)
Bipolar-Supply Operation (±3V to ±8V)
♦ Low Power Consumption, < 1µW
♦ TTL/CMOS-Logic Compatible
PART
TEMP RANGE
PIN-
PACKAGE
PKG
CODE
MAX391CPE
0°C to +70°C
16 Plastic DIP
P16-1
MAX391CSE
0°C to +70°C
16 Narrow SO
S16-2
MAX391CUE
0°C to +70°C
16 TSSOP
U16-2
MAX391CGE
0°C to +70°C
16 QFN-EP†
G1644-1
MAX391C/D
0°C to +70°C
Dice*
—
MAX391EPE
-40°C to +85°C
16 Plastic DIP
P16-1
For pricing, delivery, and ordering information, please contact Maxim Direct at 1-888-629-4642,
or visit Maxim's website at www.maxim-ic.com.


Similar Part No. - MAX391C/D

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX391C/D MAXIM-MAX391C/D Datasheet
739Kb / 12P
Precision, Quad, SPST Analog Switches
Rev 1; 6/99
More results

Similar Description - MAX391C/D

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX351 MAXIM-MAX351 Datasheet
101Kb / 12P
Precision, Quad, SPST Analog Switches
Rev 1; 4/94
MAX361 MAXIM-MAX361 Datasheet
99Kb / 8P
Precision, Quad, SPST Analog Switches
Rev 0; 9/93
MAX364 MAXIM-MAX364 Datasheet
89Kb / 12P
Precision, Quad, SPST Analog Switches
Rev 0; 9/93
logo
Pericom Semiconductor C...
PS391 PERICOM-PS391 Datasheet
270Kb / 12P
Precision, Quad, SPST, Analog Switches
logo
Maxim Integrated Produc...
MAX364 MAXIM-MAX364_04 Datasheet
357Kb / 13P
Precision, Quad, SPST Analog Switches
Rev 2; 6/04
MAX364 MAXIM-MAX364_01 Datasheet
334Kb / 12P
Precision, Quad, SPST Analog Switches
Rev 1; 9/01
logo
Pericom Semiconductor C...
PS391ESE PERICOM-PS391ESE Datasheet
271Kb / 12P
Precision, Quad, SPST, Analog Switches
PS391ESEE PERICOM-PS391ESEE Datasheet
271Kb / 12P
Precision, Quad, SPST, Analog Switches
logo
Maxim Integrated Produc...
MAX351 MAXIM-MAX351_V01 Datasheet
457Kb / 13P
Precision, Quad, SPST Analog Switches
19-0212; Rev 2; 9/01
MAX361 MAXIM-MAX361_V01 Datasheet
185Kb / 10P
Precision, Quad, SPST Analog Switches
19-0180; Rev 2; 6/04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com