Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX391C/D Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX391C/D
Description  Precision, Quad, SPST Analog Switches
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX391C/D Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX391C/D Datasheet HTML 5Page - Maxim Integrated Products MAX391C/D Datasheet HTML 6Page - Maxim Integrated Products MAX391C/D Datasheet HTML 7Page - Maxim Integrated Products MAX391C/D Datasheet HTML 8Page - Maxim Integrated Products MAX391C/D Datasheet HTML 9Page - Maxim Integrated Products MAX391C/D Datasheet HTML 10Page - Maxim Integrated Products MAX391C/D Datasheet HTML 11Page - Maxim Integrated Products MAX391C/D Datasheet HTML 12Page - Maxim Integrated Products MAX391C/D Datasheet HTML 13Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
Precision, Quad, SPST Analog Switches
_______________________________________________________________________________________
9
Figure 6. Crosstalk
IN
0V OR
2.4V
SIGNAL
GENERATOR 0dBm
+5V
10nF
ANALYZER
NC
OR NO
RL
GND
COM
10nF
-5V
V-
COM
V+
MAX391
MAX392
MAX393
SIGNAL
GENERATOR 0dBm
+5V
10nF
ANALYZER
N02
RL
GND
COM1
10nF
V-
-5V
0V OR 2.4V
IN1
N01
50
Ω
COM2
IN2
0V OR 2.4V
N.C.
V+
MAX391
MAX392
MAX393
Figure 5. Off-Isolation
_________________________________Test Circuits/Timing Diagrams (continued)
CAPACITANCE
METER
NC
OR NO
COM
GND
10nF
V-
-5V
IN
0V OR
2.4V
10nF
+5V
f = 1MHz
V+
MAX391
MAX392
MAX393
Figure 8. Channel On-Capacitance
CAPACITANCE
METER
NC
OR NO
COM
GND
10nF
V-
-5V
IN
0V OR
2.4V
10nF
+5V
f = 1MHz
V+
MAX391
MAX392
MAX393
Figure 7. Channel Off-Capacitance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com