Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSPIC33FJ12MC02ESS Datasheet(PDF) 213 Page - Microchip Technology

Part # DSPIC33FJ12MC02ESS
Description  High-Performance, 16-Bit Digital Signal Controllers
PDF  284 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ12MC02ESS Datasheet(HTML) 213 Page - Microchip Technology

Back Button DSPIC33FJ12MC02ESS Datasheet HTML 209Page - Microchip Technology DSPIC33FJ12MC02ESS Datasheet HTML 210Page - Microchip Technology DSPIC33FJ12MC02ESS Datasheet HTML 211Page - Microchip Technology DSPIC33FJ12MC02ESS Datasheet HTML 212Page - Microchip Technology DSPIC33FJ12MC02ESS Datasheet HTML 213Page - Microchip Technology DSPIC33FJ12MC02ESS Datasheet HTML 214Page - Microchip Technology DSPIC33FJ12MC02ESS Datasheet HTML 215Page - Microchip Technology DSPIC33FJ12MC02ESS Datasheet HTML 216Page - Microchip Technology DSPIC33FJ12MC02ESS Datasheet HTML 217Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 213 / 284 page
background image
© 2007 Microchip Technology Inc.
Preliminary
DS70265B-page 211
dsPIC33FJ12MC201/202
20.0 SPECIAL FEATURES
dsPIC33FJ12MC201/202 devices include several
features intended to maximize application flexibility and
reliability, and minimize cost through elimination of
external components. These are:
• Flexible configuration
• Watchdog Timer (WDT)
• Code Protection and CodeGuard™ Security
• JTAG Boundary Scan Interface
• In-Circuit Serial Programming™ (ICSP™)
• In-Circuit emulation
20.1
Configuration Bits
The Configuration bits can be programmed (read as
‘0’), or left unprogrammed (read as ‘1’), to select vari-
ous device configurations. These bits are mapped
starting at program memory location 0xF80000.
The individual Configuration bit descriptions for the
FBS, FGS, FOSCSEL, FOSC, FWDT, FPOR and
FICD Configuration registers are shown in Table 20-2.
Note that address 0xF80000 is beyond the user program
memory space. It belongs to the configuration memory
space (0x800000-0xFFFFFF), which can only be
accessed using table reads and table writes.
The upper byte of all device Configuration registers
should always be ‘1111 1111’. This makes them
appear to be NOP instructions in the remote event that
their locations are ever executed by accident. Since
Configuration bits are not implemented in the
corresponding locations, writing ‘1’s to these locations
has no effect on device operation.
To prevent inadvertent configuration changes during
code execution, all programmable Configuration bits
are write-once. After a bit is initially programmed during
a power cycle, it cannot be written to again. Changing
a device configuration requires that power to the device
be cycled.
The Device Configuration register map is shown in
Table 20-1.
Note:
This data sheet summarizes the features
of the dsPIC33FJ12MC201/202 devices.
It is not intended to be a comprehensive
reference source. To complement the
information in this data sheet, refer to the
“dsPIC33F Family Reference Manual”.
Please see the Microchip web site
(www.microchip.com)
for
the
latest
dsPIC33F Family Reference Manual
chapters.
TABLE 20-1:
DEVICE CONFIGURATION REGISTER MAP
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
0xF80000 FBS
—
—
—
—
BSS<2:0>
BWRP
0xF80002 RESERVED
Reserved(1)
0xF80004 FGS
—
—
—
—
—
GSS<1:0>
GWRP
0xF80006 FOSCSEL
IESO
—
—
—FNOSC<2:0>
0xF80008 FOSC
FCKSM<1:0>
IOL1WAY
—
—
OSCIOFNC POSCMD<1:0>
0xF8000A FWDT
FWDTEN WINDIS
—
WDTPRE
WDTPOST<3:0>
0xF8000C FPOR
PWMPIN
HPOL
LPOL
ALTI2C
—FPWRT<2:0>
0xF8000E RESERVED
Reserved(1)
0xF80010 FUID0
User Unit ID Byte 0
0xF80012 FUID1
User Unit ID Byte 1
0xF80014 FUID2
User Unit ID Byte 2
0xF80016 FUID3
User Unit ID Byte 3
Note 1:
These reserved bits read as ‘1’ and must be programmed as ‘1’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com