Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSPIC33FJ12MC02ESS Datasheet(PDF) 215 Page - Microchip Technology

Part # DSPIC33FJ12MC02ESS
Description  High-Performance, 16-Bit Digital Signal Controllers
PDF  284 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ12MC02ESS Datasheet(HTML) 215 Page - Microchip Technology

Back Button DSPIC33FJ12MC02ESS Datasheet HTML 211Page - Microchip Technology DSPIC33FJ12MC02ESS Datasheet HTML 212Page - Microchip Technology DSPIC33FJ12MC02ESS Datasheet HTML 213Page - Microchip Technology DSPIC33FJ12MC02ESS Datasheet HTML 214Page - Microchip Technology DSPIC33FJ12MC02ESS Datasheet HTML 215Page - Microchip Technology DSPIC33FJ12MC02ESS Datasheet HTML 216Page - Microchip Technology DSPIC33FJ12MC02ESS Datasheet HTML 217Page - Microchip Technology DSPIC33FJ12MC02ESS Datasheet HTML 218Page - Microchip Technology DSPIC33FJ12MC02ESS Datasheet HTML 219Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 215 / 284 page
background image
© 2007 Microchip Technology Inc.
Preliminary
DS70265B-page 213
dsPIC33FJ12MC201/202
POSCMD<1:0>
FOSC
Primary Oscillator Mode Select bits
11 = Primary oscillator disabled
10 = HS Crystal Oscillator mode
01 = XT Crystal Oscillator mode
00 = EC (External Clock) mode
FWDTEN
FWDT
Watchdog Timer Enable bit
1 = Watchdog Timer always enabled (LPRC oscillator cannot be
disabled. Clearing the SWDTEN bit in the RCON register will have no
effect.)
0 = Watchdog Timer enabled/disabled by user software (LPRC can be
disabled by clearing the SWDTEN bit in the RCON register)
WINDIS
FWDT
Watchdog Timer Window Enable bit
1 = Watchdog Timer in Non-Window mode
0 = Watchdog Timer in Window mode
WDTPRE
FWDT
Watchdog Timer Prescaler bit
1 = 1:128
0 = 1:32
WDTPOST<3:0>
FWDT
Watchdog Timer Postscaler bits
1111 = 1:32,768
1110 = 1:16,384
.
.
.
0001 = 1:2
0000 = 1:1
PWMPIN
FPOR
Motor Control PWM Module Pin Mode bit
1 = PWM module pins controlled by PORT register at device Reset
(tri-stated)
0 = PWM module pins controlled by PWM module at device Reset
(configured as output pins)
HPOL
FPOR
Motor Control PWM High Side Polarity bit
1 = PWM module high side output pins have active-high output polarity
0 = PWM module high side output pins have active-low output polarity
LPOL
FPOR
Motor Control PWM Low Side Polarity bit
1 = PWM module low side output pins have active-high output polarity
0 = PWM module low side output pins have active-low output polarity
FPWRT<2:0>
FPOR
Power-on Reset Timer Value Select bits
111 = PWRT = 128 ms
110 = PWRT = 64 ms
101 = PWRT = 32 ms
100 = PWRT = 16 ms
011 = PWRT = 8 ms
010 = PWRT = 4 ms
001 = PWRT = 2 ms
000 = PWRT = Disabled
ALTI2C
FPOR
Alternate I2C™ pins
1 = I2C mapped to SDA1/SCL1 pins
0 = I2C mapped to ASDA1/ASCL1 pins
TABLE 20-2:
DSPIC33F CONFIGURATION BITS DESCRIPTION (CONTINUED)
Bit Field
Register
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com