Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSPIC33FJ12MC02ESS Datasheet(PDF) 216 Page - Microchip Technology

Part # DSPIC33FJ12MC02ESS
Description  High-Performance, 16-Bit Digital Signal Controllers
PDF  284 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ12MC02ESS Datasheet(HTML) 216 Page - Microchip Technology

Back Button DSPIC33FJ12MC02ESS Datasheet HTML 212Page - Microchip Technology DSPIC33FJ12MC02ESS Datasheet HTML 213Page - Microchip Technology DSPIC33FJ12MC02ESS Datasheet HTML 214Page - Microchip Technology DSPIC33FJ12MC02ESS Datasheet HTML 215Page - Microchip Technology DSPIC33FJ12MC02ESS Datasheet HTML 216Page - Microchip Technology DSPIC33FJ12MC02ESS Datasheet HTML 217Page - Microchip Technology DSPIC33FJ12MC02ESS Datasheet HTML 218Page - Microchip Technology DSPIC33FJ12MC02ESS Datasheet HTML 219Page - Microchip Technology DSPIC33FJ12MC02ESS Datasheet HTML 220Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 216 / 284 page
background image
dsPIC33FJ12MC201/202
DS70265B-page 214
Preliminary
© 2007 Microchip Technology Inc.
20.2
On-Chip Voltage Regulator
All of the dsPIC33FJ12MC201/202 devices power their
core digital logic at a nominal 2.5V. This can create a
conflict for designs that are required to operate at a
higher typical voltage, such as 3.3V. To simplify system
design, all devices in the dsPIC33FJ12MC201/202
family incorporate an on-chip regulator that allows the
device to run its core logic from VDD.
The regulator provides power to the core from the other
VDD pins. When the regulator is enabled, a low-ESR
(less than 5 ohms) capacitor (such as tantalum or
ceramic) must be connected to the VDDCORE/VCAP pin
(Figure 20-1). This helps to maintain the stability of the
regulator. The recommended value for the filter capac-
itor is provided in Table 23-13 located in Section 23.1
“DC Characteristics”.
On a POR
, it takes approximately 20 μs for the on-chip
voltage regulator to generate an output voltage. During
this time, designated as TSTARTUP, code execution is
disabled. TSTARTUP is applied every time the device
resumes operation after any power-down.
FIGURE 20-1:
CONNECTIONS FOR THE
ON-CHIP VOLTAGE
REGULATOR(1)
20.3
BOR: Brown-Out Reset
The Brown-out Reset (BOR) module is based on an
internal voltage reference circuit that monitors the reg-
ulated supply voltage VDDCORE. The main purpose of
the BOR module is to generate a device Reset when a
brown-out condition occurs. Brown-out conditions are
generally caused by glitches on the AC mains (for
example, missing portions of the AC cycle waveform
due to bad power transmission lines, or voltage sags
due to excessive current draw when a large inductive
load is turned on).
A BOR generates a Reset pulse, which resets the
device. The BOR selects the clock source, based on
the device Configuration bit values (FNOSC<2:0> and
POSCMD<1:0>).
If an oscillator mode is selected, the BOR activates the
Oscillator Start-up Timer (OST). The system clock is
held until OST expires. If the PLL is used, the clock is
held until the LOCK bit (OSCCON<5>) is ‘1’.
Concurrently, the PWRT time-out (TPWRT) is applied
before the internal Reset is released. If TPWRT = 0 and
a crystal oscillator is being used, then a nominal delay
of TFSCM = 100 is applied. The total delay in this case
is TFSCM.
The BOR Status bit (RCON<1>) is set to indicate that
a BOR has occurred. The BOR circuit, if enabled, con-
tinues to operate while in Sleep or Idle modes and
resets the device should VDD fall below the BOR
threshold voltage.
Note 1:
These are typical operating voltages. Refer
to Section TABLE 23-13: “Internal Volt-
age Regulator Specifications” located in
Section 23.1 “DC Characteristics” for the
full operating ranges of VDD and VDDCORE.
VDD
VDDCORE/VCAP
VSS
dsPIC33F
CF
3.3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com