Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSPIC33FJ12MC02ESS Datasheet(PDF) 218 Page - Microchip Technology

Part # DSPIC33FJ12MC02ESS
Description  High-Performance, 16-Bit Digital Signal Controllers
PDF  284 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ12MC02ESS Datasheet(HTML) 218 Page - Microchip Technology

Back Button DSPIC33FJ12MC02ESS Datasheet HTML 214Page - Microchip Technology DSPIC33FJ12MC02ESS Datasheet HTML 215Page - Microchip Technology DSPIC33FJ12MC02ESS Datasheet HTML 216Page - Microchip Technology DSPIC33FJ12MC02ESS Datasheet HTML 217Page - Microchip Technology DSPIC33FJ12MC02ESS Datasheet HTML 218Page - Microchip Technology DSPIC33FJ12MC02ESS Datasheet HTML 219Page - Microchip Technology DSPIC33FJ12MC02ESS Datasheet HTML 220Page - Microchip Technology DSPIC33FJ12MC02ESS Datasheet HTML 221Page - Microchip Technology DSPIC33FJ12MC02ESS Datasheet HTML 222Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 218 / 284 page
background image
dsPIC33FJ12MC201/202
DS70265B-page 216
Preliminary
© 2007 Microchip Technology Inc.
20.5
JTAG Interface
dsPIC33FJ12MC201/202 devices implement a JTAG
interface, which supports boundary scan device test-
ing, as well as in-circuit programming. Detailed infor-
mation on this interface will be provided in future
revisions of the document.
20.6
In-Circuit Serial Programming
The dsPIC33FJ12MC201/202 devices can be serially
programmed while in the end application circuit. This is
done with two lines for clock and data and three other
lines for power, ground and the programming
sequence. Serial programming allows customers to
manufacture boards with unprogrammed devices and
then program the digital signal controller just before
shipping the product. Serial programming also allows
the most recent firmware or a custom firmware to be
programmed. Refer to the “dsPIC33F/PIC24H Flash
Programming Specification” (DS70152) document for
details about In-Circuit Serial Programming (ICSP).
Any of the three pairs of programming clock/data pins
can be used:
• PGC1/EMUC1 and PGD1/EMUD1
• PGC2/EMUC2 and PGD2/EMUD2
• PGC3/EMUC3 and PGD3/EMUD3
20.7
In-Circuit Debugger
When MPLAB® ICD 2 is selected as a debugger, the in-
circuit debugging functionality is enabled. This function
allows simple debugging functions when used with
MPLAB IDE. Debugging functionality is controlled
through the EMUCx (Emulation/Debug Clock) and
EMUDx (Emulation/Debug Data) pin functions.
Any of the three pairs of debugging clock/data pins can
be used:
• PGC1/EMUC1 and PGD1/EMUD1
• PGC2/EMUC2 and PGD2/EMUD2
• PGC3/EMUC3 and PGD3/EMUD3
To use the in-circuit debugger function of the device,
the design must implement ICSP connections to
MCLR, VDD, VSS, PGC, PGD and the EMUDx/EMUCx
pin pair. In addition, when the feature is enabled, some
of the resources are not available for general use.
These resources include the first 80 bytes of data RAM
and two I/O pins.
20.8
Code Protection and
CodeGuard™ Security
The dsPIC33FJ12MC201/202 devices offer the
intermediate implementation of CodeGuard Security.
CodeGuard Security enables multiple parties to
securely share resources (memory, interrupts and
peripherals) on a single chip. This feature helps protect
individual Intellectual Property in collaborative system
designs.
When coupled with software encryption libraries,
CodeGuard Security can be used to securely update
Flash even when multiple IPs reside on the single chip.
The code protection features vary depending on the
actual dsPIC33F implemented. The following sections
provide an overview of these features.
Secure segment and RAM protection is not
implemented in dsPIC33FJ12MC201/202 devices.
TABLE 20-3:
CODE FLASH SECURITY
SEGMENT SIZES FOR
12 KBYTE DEVICES
CONFIG BITS
BSS<2:0> = x11
0K
BSS<2:0> = x10
256
BSS<2:0> = x01
768
BSS<2:0> = x00
1792
Note:
Refer to Section 23.
“CodeGuard™
Security” (DS70199) of the dsPIC33F
Family Reference Manual for further
information on usage, configuration and
operation of CodeGuard Security.
001FFEh
0001FEh
000200h
000000h
VS = 256 IW
0003FEh
000400h
0007FEh
000800h
GS = 3840 IW
000FFEh
001000h
001FFEh
0001FEh
000200h
000000h
VS = 256 IW
0003FEh
000400h
0007FEh
000800h
000FFEh
001000h
GS = 3584 IW
BS = 256 IW
001FFEh
0001FEh
000200h
000000h
VS = 256 IW
0003FEh
000400h
0007FEh
000800h
000FFEh
001000h
GS = 3072 IW
BS = 768 IW
001FFEh
0001FEh
000200h
000000h
VS = 256 IW
0003FEh
000400h
0007FEh
000800h
GS = 2048 IW
000FFEh
001000h
BS = 1792 IW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com