Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4559 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # 4559
Description  SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4559 Datasheet(HTML) 4 Page - Renesas Technology Corp

  4559 Datasheet HTML 1Page - Renesas Technology Corp 4559 Datasheet HTML 2Page - Renesas Technology Corp 4559 Datasheet HTML 3Page - Renesas Technology Corp 4559 Datasheet HTML 4Page - Renesas Technology Corp 4559 Datasheet HTML 5Page - Renesas Technology Corp 4559 Datasheet HTML 6Page - Renesas Technology Corp 4559 Datasheet HTML 7Page - Renesas Technology Corp 4559 Datasheet HTML 8Page - Renesas Technology Corp 4559 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 148 page
background image
Rev.1.04
Aug 23, 2007
Page 4 of 146
REJ03B0188-0104
4559 Group
PERFORMANCE OVERVIEW
Table 2
Performance overview
Parameter
Function
Number of basic instructions
135
Minimum instruction execution time
0.5
µs (Oscillation frequency 6 MHz: high-speed through mode)
Memory sizes
ROM
6144 words
× 10 bits
RAM
288 words
× 4 bits (including LCD display RAM 32 words × 4 bits)
I/O port
D0
−D5
I/O
(Input is
examined by
skip decision.)
Six independent I/O ports.
The output structure can be switched by software.
Port D5 is also used as INT pin.
D6, D7
Output
Two independent output ports.
Ports D6 and D7 are also used as XCIN and XCOUT, respectively.
P00
−P03
I/O
4-bit I/O port; A pull-up function, a key-on wakeup function and output structure can
be switched by software.
Ports P00
−P03 are also used as SEG16−SEG19, respectively.
P10
−P13
I/O
4-bit I/O port; A pull-up function, a key-on wakeup function and output structure can
be switched by software.
Ports P10
−P13 are also used as SEG20−SEG23, respectively.
P20
−P23
I/O
4-bit I/O port; A pull-up function, a key-on wakeup function and output structure can
be switched by software.
Ports P20
−P23 are also used as SEG24−SEG27, respectively.
P30
−P33
I/O
4-bit I/O port; A pull-up function, a key-on wakeup function and output structure can
be switched by software.
Ports P30
−P33 are also used as SEG28−SEG31, respectively.
C
Output
1-bit output; Port C is also used as CNTR pin.
Timer
Timer 1
8-bit timer with a reload register and carrier wave output auto-control function,
and has an event counter.
Timer 2
8-bit timer with two reload registers and carrier wave generation function.
Timer 3
16-bit timer, fixed dividing frequency (timer for clock count)
Timer LC
4-bit programmable timer with a reload register (for LCD clock generating)
Watchdog timer
16-bit timer, fixed dividing frequency (timer for monitor)
LCD control circuit
Selective bias value
1/2, 1/3 bias
Selective duty value
2, 3, 4 duty
Common output
4
Segment output
32
Internal resistor for power
supply
2r
× 3, 2r × 2, r × 3, r × 2 (r = 100 kΩ, (Ta = 25 °C, Typical value))
Voltage drop
detection circuit
Reset occurrence
Typ. 1.7 V (Ta=25 °C)
Reset release
Typ. 1.8 V (Ta=25 °C)
Skip occurrence
Typ. 2.0 V (Ta=25 °C)
Power-on reset circuit
Built-in
Interrupt
Source
4 sources (one for external, three for timers)
Nesting
1 level
Subroutine nesting
8 levels
Device structure
CMOS silicon gate
Package
52-pin plastic molded LQFP (PLQP0052JA-A)
Operating temperature range
-20 to 85 °C
Power source voltage
1.8 to 5.5 V (It depends on operation source clock, oscillation frequency and
operation mode)
Power
dissipation
(Typ. value)
At active mode
0.3 mA (Ta = 25 °C, VDD
= 3 V, f(XIN) = 4 MHz, f(XCIN) = stop, f(RING) = stop,
f(STCK) = f(XIN)/8
At clock operating mode
5
µA (Ta = 25 °C, VDD = 3 V, f(XCIN) = 32 kHz)
At RAM back-up
0.1
µA (Ta = 25 °C, VDD = 5 V, output transistor is cut-off state)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com