Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4559 Datasheet(PDF) 46 Page - Renesas Technology Corp

Part # 4559
Description  SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4559 Datasheet(HTML) 46 Page - Renesas Technology Corp

Back Button 4559 Datasheet HTML 42Page - Renesas Technology Corp 4559 Datasheet HTML 43Page - Renesas Technology Corp 4559 Datasheet HTML 44Page - Renesas Technology Corp 4559 Datasheet HTML 45Page - Renesas Technology Corp 4559 Datasheet HTML 46Page - Renesas Technology Corp 4559 Datasheet HTML 47Page - Renesas Technology Corp 4559 Datasheet HTML 48Page - Renesas Technology Corp 4559 Datasheet HTML 49Page - Renesas Technology Corp 4559 Datasheet HTML 50Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 148 page
background image
Rev.1.04
Aug 23, 2007
Page 46 of 146
REJ03B0188-0104
4559 Group
(5) LCD power supply circuit
Select the LCD power supply circuit suitable for the using LCD
panel.
The LCD power supply circuit is fixed by the followings;
• The internal dividing resistor is controlled by bit 0 of register
L2.
• The internal dividing resistor is selected by bit 3 of register L1.
• The bias condition is selected by bits 0 and 1 of register L1.
• Internal dividing resistor
The 4553 Group has the internal dividing resistor for LCD power
supply.
When bit 0 of register L2 is set to ì0î, the internal dividing
resistor is valid. However, when the LCD is turned off by setting
bit 2 of register L1 to ì0î, the internal dividing resistor is turned
off.
The same six resistor (r) is prepared for the internal dividing
resistor.
According to the setting value of bit 3 of register L1 and using
bias condition, the resistor is prepared as follows;
•L13 = “0”, 1/3 bias used: 2r × 3 = 6r
•L13 = “0”, 1/2 bias used: 2r × 2 = 4r
•L13 = “1”, 1/3 bias used: r × 3 = 3r
•L13 = “1”, 1/2 bias used: r × 2 = 2r
•SEG0/VLC3 pin
The selection of SEG0/VLC3 pin function is controlled with the
bit 3 of register L2.
When the VLC3 pin function is selected, apply voltage of VLC3 <
VDD to the pin externally.
When the SEG0 pin function is selected, VLC3 is connected to
VDD internally.
• SEG1/VLC2, SEG2/VLC1 pin
The selection of SEG1/VLC2 pin function is controlled with the
bit 2 of register L2.
The selection of SEG2/VLC1 pin function is controlled with the
bit 1 of register L2.
When the VLC2 pin and VLC1 pin functions are selected and the
internal dividing resistor is not used, apply voltage of 0 < VLC1 <
VLC2 < VLC3 to these pins. Short the VLC2 pin and VLC1 pin at
1/2 bias.
When the VLC2 pin and VLC1 pin functions are selected and the
internal dividing resistor is used, the dividing voltage value
generated internally is output from the VLC1 pin and VLC2 pin.
The VLC2 pin and VLC1 pin have the same electric potential at
1/2 bias.
When SEG1 and SEG2 pin functions are selected, use the
internal dividing resistor (L20 = ”0”). In this time, VLC2 and
VLC1 are connected to the generated dividing voltage.
Fig 47. LCD power supply circuit example (1/3 bias condition selected)
VSS
VLC3
VLC2
VLC1
VLC3
SEG1
SEG2
(b) Register L2 = (1000)2
VSS
VLC3
VLC2
VLC1
SEG1
SEG2
(a) Register L2 = (0000)2
VSS
VLC3
VLC2
VLC1
VLC3
(d) Register L2 = (1111)2
VSS
VLC3
VLC2
VLC1
VLC3
(c) Register L2 = (1110)2
External power supply
SEG0
VLC2
VLC1
VLC2
VLC1
External power supply
External power supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com