Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4559 Datasheet(PDF) 63 Page - Renesas Technology Corp

Part # 4559
Description  SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4559 Datasheet(HTML) 63 Page - Renesas Technology Corp

Back Button 4559 Datasheet HTML 59Page - Renesas Technology Corp 4559 Datasheet HTML 60Page - Renesas Technology Corp 4559 Datasheet HTML 61Page - Renesas Technology Corp 4559 Datasheet HTML 62Page - Renesas Technology Corp 4559 Datasheet HTML 63Page - Renesas Technology Corp 4559 Datasheet HTML 64Page - Renesas Technology Corp 4559 Datasheet HTML 65Page - Renesas Technology Corp 4559 Datasheet HTML 66Page - Renesas Technology Corp 4559 Datasheet HTML 67Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 148 page
background image
Rev.1.04
Aug 23, 2007
Page 63 of 146
REJ03B0188-0104
4559 Group
(5) External clock
When the external clock signal is used as the main clock
(f(XIN)), connect the XIN pin to the clock source and leave XOUT
pin open (Figure 64). Do not execute the CRCK instruction.
Be careful that the maximum value of the oscillation frequency
when using the external clock differs from the value when using
the ceramic resonator (refer to the recommended operating
condition). Also, note that the power down mode (POF and
POF2 instructions) cannot be used when using the external clock.
(6) Sub-clock generating circuit f(XCIN)
Sub-clock signal f(XCIN) is obtained by externally connecting a
quartz-crystal oscillator. Connect this external circuit and a
quartz-crystal oscillator to pins XCIN and XCOUT at the shortest
distance. A feedback resistor is built in between pins XCIN and
XCOUT (Figure 65). XCIN pin and XCOUT pin are also used as
ports D6 and D7, respectively. The sub-clock oscillation circuit is
invalid and the function of ports D6 and D7 are valid by setting
bit 2 of register RG to “1”.
When sub-clock, ports D6 and D7 are not used, connect XCIN/D6
to VSS and leave XCOUT/D7 open.
Fig 64. External clock input circuit
Fig 65. External quarts-crystal circuit
4559
XIN
XOUT
External oscillation circuit
VDD
VSS
*
Do not use the CRCK instruction
in program.
4559
XCIN
XCOUT
Rd
CIN
COUT
Note: Externally connect a damping resistor Rd
depending on the oscillation frequency.
(A feedback resistor is built-in.)
Use the quartz-crystal manufacturer’s
recommended value because constants such as
capacitance depend on the resonator.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com