Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4559 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # 4559
Description  SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4559 Datasheet(HTML) 1 Page - Renesas Technology Corp

  4559 Datasheet HTML 1Page - Renesas Technology Corp 4559 Datasheet HTML 2Page - Renesas Technology Corp 4559 Datasheet HTML 3Page - Renesas Technology Corp 4559 Datasheet HTML 4Page - Renesas Technology Corp 4559 Datasheet HTML 5Page - Renesas Technology Corp 4559 Datasheet HTML 6Page - Renesas Technology Corp 4559 Datasheet HTML 7Page - Renesas Technology Corp 4559 Datasheet HTML 8Page - Renesas Technology Corp 4559 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 148 page
background image
Rev.1.04
Aug 23, 2007
Page 1 of 146
REJ03B0188-0104
DESCRIPTION
The 4559 Group is a 4-bit single-chip microcomputer designed
with CMOS technology. Its CPU is that of the 4500 Series using
a simple, high-speed instruction set. The computer is equipped
with two 8-bit timers (each timer has one or two reload registers),
a 16-bit timer for clock count, interrupts, and oscillation circuit
switch function.
The various microcomputers in the 4559 Group include
variations of type as shown in the table below.
FEATURES
• Minimum instruction execution time..............................0.5
µs
(at 6 MHz oscillation frequency, in high-speed through-mode)
• Supply voltage .......................................................1.8 to 5.5 V
(It depends on operation source clock, oscillation frequency
and operation mode)
•Timers
Timer 1 ..............................................................8-bit timer with
a reload register and carrier wave output auto-control function
Timer 2 .....................................................................8-bit timer
with two reload registers and carrier wave generation circuit
Timer 3 ........................ 16-bit timer (fixed dividing frequency)
• Interrupt ..................................................................... 4 sources
• Key-on wakeup function pins .............................................. 17
• I/O port ................................................................................. 22
• Output port ............................................................................. 3
• LCD control circuit
Segment output ..................................................................... 32
Common output ...................................................................... 4
• Voltage drop detection circuit
Reset occurrence.................................. Typ. 1.7 V (Ta = 25
°C)
Reset release ........................................ Typ. 1.8 V (Ta = 25
°C)
Skip occurrence ................................... Typ. 2.0 V (Ta = 25
°C)
• Power-on reset circuit
• Watchdog timer
• Clock generating circuit
Built-in clock (on-chip oscillator)
Main clock (ceramic resonator/RC oscillation)
Sub-clock (quartz-crystal oscillation)
• LED drive directly enabled (port D)
APPLICATION
Remote control transmitter
Note 1: Shipped in blank
Table 1
Support Product
Part number
ROM size (
× 10 bits)
RAM size (
× 4 bits)
Package
ROM type
M34559G6FP (Note 1)
6144 words
288 words
PLQP0052JA-A
QzROM
M34559G6-XXXFP
6144 words
288 words
PLQP0052JA-A
QzROM
4559 Group
SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
REJ03B0188-0104
Rev.1.04
Aug 23, 2007


Similar Part No. - 4559

ManufacturerPart #DatasheetDescription
logo
RAF ELECTRONIC HARDWARE
4559 RAF-4559 Datasheet
248Kb / 1P
1/4 HEX MALE-FEMALE STANDOFFS
v1 9/26/08 10:07 PM
4559-256-AL RAF-4559-256-AL Datasheet
248Kb / 1P
1/4 HEX MALE-FEMALE STANDOFFS
v1 9/26/08 10:07 PM
4559-256-AL-7 RAF-4559-256-AL-7 Datasheet
248Kb / 1P
1/4 HEX MALE-FEMALE STANDOFFS
v1 9/26/08 10:07 PM
4559-256-B RAF-4559-256-B Datasheet
248Kb / 1P
1/4 HEX MALE-FEMALE STANDOFFS
v1 9/26/08 10:07 PM
4559-256-B-7 RAF-4559-256-B-7 Datasheet
248Kb / 1P
1/4 HEX MALE-FEMALE STANDOFFS
v1 9/26/08 10:07 PM
More results

Similar Description - 4559

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP402 SONY-CXP402 Datasheet
265Kb / 16P
CMOS 4-bit Single Chip Microcomputer
CXP50700 SONY-CXP50700 Datasheet
483Kb / 19P
CMOS 4-BIT SINGLE CHIP MICROCOMPUTER
logo
List of Unclassifed Man...
34280M1 ETC-34280M1 Datasheet
9Kb / 2P
SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
logo
Renesas Technology Corp
455A RENESAS-455A Datasheet
3Mb / 148P
SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
M34282 RENESAS-M34282 Datasheet
609Kb / 69P
SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
4502 RENESAS-4502 Datasheet
880Kb / 116P
SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
4513 RENESAS-4513 Datasheet
1Mb / 97P
SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
4518 RENESAS-4518 Datasheet
1Mb / 160P
SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
4552 RENESAS-4552 Datasheet
1Mb / 145P
SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
4553 RENESAS-4553 Datasheet
1Mb / 145P
SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com