Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4559 Datasheet(PDF) 49 Page - Renesas Technology Corp

Part # 4559
Description  SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4559 Datasheet(HTML) 49 Page - Renesas Technology Corp

Back Button 4559 Datasheet HTML 45Page - Renesas Technology Corp 4559 Datasheet HTML 46Page - Renesas Technology Corp 4559 Datasheet HTML 47Page - Renesas Technology Corp 4559 Datasheet HTML 48Page - Renesas Technology Corp 4559 Datasheet HTML 49Page - Renesas Technology Corp 4559 Datasheet HTML 50Page - Renesas Technology Corp 4559 Datasheet HTML 51Page - Renesas Technology Corp 4559 Datasheet HTML 52Page - Renesas Technology Corp 4559 Datasheet HTML 53Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 148 page
background image
Rev.1.04
Aug 23, 2007
Page 49 of 146
REJ03B0188-0104
4559 Group
RESET FUNCTION
System reset is performed by the followings:
• “L” level is applied to the RESET pin externally,
• System reset instruction (SRST) is executed,
• Reset occurs by watchdog timer,
• Reset occurs by built-in power-on reset
• Reset occurs by voltage drop detection circuit
Then when “H” level is applied to RESET pin, software starts
from address 0 in page 0.
(1) RESET pin input
System reset is performed certainly by applying “L” level to
RESET pin for 1 machine cycle or more when the following
condition is satisfied;
the value of supply voltage is the minimum value or more of the
recommended operating conditions.
Fig 48. Structure of RESET pin and its peripherals
Fig 49. RESET pin input waveform and reset release timing
Power-on reset circuit
WEF
Voltage drop detection circuit
RESET pin
(Note 2)
(Note 1)
(Note 1)
Pull-up transistor
Internal reset signal
Watchdog reset signal
SRST instruction
Notes 1:
This symbol represents a parasitic diode.
2: Applied potential to RESET pin must be VDD or less.
0.3VDD
0.85VDD
(Note 1)
Program starts
(address 0 in page 0)
Reset input
1 machine cycle or more
RESET
f(RING)
Notes 1: Keep the value of supply voltage to the minimum value or more of the
recommended operating conditions.
2: It depends on the internal state at reset.
On-chip oscillator (internal oscillator) is counted 1376
times (Note 2).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com