Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

93C66CT-E/MS Datasheet(PDF) 26 Page - Microchip Technology

Part # 93C66CT-E/MS
Description  1K-16K Microwire Compatible Serial EEPROMs
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

93C66CT-E/MS Datasheet(HTML) 26 Page - Microchip Technology

Back Button 93C66CT-E/MS Datasheet HTML 22Page - Microchip Technology 93C66CT-E/MS Datasheet HTML 23Page - Microchip Technology 93C66CT-E/MS Datasheet HTML 24Page - Microchip Technology 93C66CT-E/MS Datasheet HTML 25Page - Microchip Technology 93C66CT-E/MS Datasheet HTML 26Page - Microchip Technology 93C66CT-E/MS Datasheet HTML 27Page - Microchip Technology 93C66CT-E/MS Datasheet HTML 28Page - Microchip Technology 93C66CT-E/MS Datasheet HTML 29Page - Microchip Technology 93C66CT-E/MS Datasheet HTML 30Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 38 page
background image
93XX46X/56X/66X/76X/86X
DS21929D-page 26
© 2007 Microchip Technology Inc.
8-Lead Plastic Dual In-Line (P or PA) – 300 mil Body [PDIP]
Notes:
1. Pin 1 visual index feature may vary, but must be located with the hatched area.
2. § Significant Characteristic.
3. Dimensions D and E1 do not include mold flash or protrusions. Mold flash or protrusions shall not exceed .010" per side.
4. Dimensioning and tolerancing per ASME Y14.5M.
BSC: Basic Dimension. Theoretically exact value shown without tolerances.
Note:
For the most current package drawings, please see the Microchip Packaging Specification located at
http://www.microchip.com/packaging
Units
INCHES
Dimension Limits
MIN
NOM
MAX
Number of Pins
N
8
Pitch
e
.100 BSC
Top to Seating Plane
A
–
–
.210
Molded Package Thickness
A2
.115
.130
.195
Base to Seating Plane
A1
.015
–
–
Shoulder to Shoulder Width
E
.290
.310
.325
Molded Package Width
E1
.240
.250
.280
Overall Length
D
.348
.365
.400
Tip to Seating Plane
L
.115
.130
.150
Lead Thickness
c
.008
.010
.015
Upper Lead Width
b1
.040
.060
.070
Lower Lead Width
b
.014
.018
.022
Overall Row Spacing §
eB
–
–
.430
N
E1
NOTE 1
D
12
3
A
A1
A2
L
b1
b
e
E
eB
c
Microchip Technology Drawing C04-018B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com