Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

93C66CT-E/MS Datasheet(PDF) 35 Page - Microchip Technology

Part # 93C66CT-E/MS
Description  1K-16K Microwire Compatible Serial EEPROMs
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

93C66CT-E/MS Datasheet(HTML) 35 Page - Microchip Technology

Back Button 93C66CT-E/MS Datasheet HTML 30Page - Microchip Technology 93C66CT-E/MS Datasheet HTML 31Page - Microchip Technology 93C66CT-E/MS Datasheet HTML 32Page - Microchip Technology 93C66CT-E/MS Datasheet HTML 33Page - Microchip Technology 93C66CT-E/MS Datasheet HTML 34Page - Microchip Technology 93C66CT-E/MS Datasheet HTML 35Page - Microchip Technology 93C66CT-E/MS Datasheet HTML 36Page - Microchip Technology 93C66CT-E/MS Datasheet HTML 37Page - Microchip Technology 93C66CT-E/MS Datasheet HTML 38Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 35 / 38 page
background image
© 2007 Microchip Technology Inc.
DS21929D-page 35
93XX46X/56X/66X/76X/86X
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
Examples:
a)
93AA46A-I/MS: 1K, 128x8 Serial EEPROM,
Industrial Temperature, MSOP package, 1.8V
b)
93AA46BT-I/OT: 1K, 64x16 Serial EEPROM,
SOT-23 package, tape and reel, 1.8V
c)
93AA46CT-I/MS: 1K, 128x8 or 64x16 Serial
EEPROM, MSOP package, tape and reel, 1.8V
d)
93AA46BX-I/SN: 1K, 128x8 Serial EEPROM,
Industrial temperature, SOIC package (alter-
nate pinout), tape and reel package, 1.8V
e)
93LC66A-I/MS: 4K, 512x8 Serial EEPROM,
MSOP package, 2.5V
f)
93LC66BT-I/OT: 4K, 256x16 Serial EEPROM,
SOT-23 package, tape and reel, 2.5V
g)
93C86AT-I/OT: 16K, 2048x8 Serial EEPROM,
SOT-23 package, tape and reel, 5.0V
h)
93C86BT-I/OT: 16K, 1024x16 Serial EEPROM,
SOT-23 package, tape and reel, 5.0V
i)
93C86CT-I/MC: 16K, 2048x8 or 1024x16
Serial EEPROM, DFN Industrial temperature,
tape and reel package, 5.0V
EEPROM
Package
Tape &
Reel
Series
Voltage
93
Density
Size
Word
Temp
Range
AA = 1.8V-5.5V
LC = 2.5V-5.5V
C = 4.5V-5.5V
46 = 1 Kbit
56 = 2 Kbit
66 = 4 Kbit
76 = 8 Kbit
86 = 16 Kbit
A = x8 bit
B = x16 bit
C = Selectable
Blank = Std Pkg
T = Tape & Reel
I = -40°C to +85°C
E = -40°C to +125°C
P = 8-Lead PDIP
SN = 8-Lead SOIC (3.90 mm)
MC = 8-Lead 2x3 DFN
CH or OT = 6-Lead SOT-23
MS = 8-Lead MSOP
ST = 8-Lead TSSOP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com