Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

93C66CT-E/MS Datasheet(PDF) 18 Page - Microchip Technology

Part # 93C66CT-E/MS
Description  1K-16K Microwire Compatible Serial EEPROMs
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

93C66CT-E/MS Datasheet(HTML) 18 Page - Microchip Technology

Back Button 93C66CT-E/MS Datasheet HTML 14Page - Microchip Technology 93C66CT-E/MS Datasheet HTML 15Page - Microchip Technology 93C66CT-E/MS Datasheet HTML 16Page - Microchip Technology 93C66CT-E/MS Datasheet HTML 17Page - Microchip Technology 93C66CT-E/MS Datasheet HTML 18Page - Microchip Technology 93C66CT-E/MS Datasheet HTML 19Page - Microchip Technology 93C66CT-E/MS Datasheet HTML 20Page - Microchip Technology 93C66CT-E/MS Datasheet HTML 21Page - Microchip Technology 93C66CT-E/MS Datasheet HTML 22Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 38 page
background image
93XX46X/56X/66X/76X/86X
DS21929D-page 18
© 2007 Microchip Technology Inc.
4.5
Organization (ORG)
When the ORG pin is connected to VCC or Logic HI, the
(x16) memory organization is selected. When the ORG
pin is tied to VSS or Logic LO, the (x8) memory
organization is selected. For proper operation, ORG
must be tied to a valid logic level.
For devices without the ORG functionality, there is no
internal connection to the ORG pin. In these devices
the functionality has been set at the factory to support
a single word size.
‘A’ series devices – x8 organization
‘B’ series devices – x16 organization
4.6
Program Enable (PE)
A logic level on the PE pin will enable or disable the abil-
ity to write data to the memory array in only the 8-lead
93XX76C and 93XX86C devices. For all other devices
the PE function is not present and the PE pin is a no
connect. When driving the PE pin to a logic High, the
device can be programmed, but when the PE pin is
driven Low, programming is inhibited. This pin is used
in parallel with the EWEN/EWDS latch to protect the
memory array from inadvertent writes, as shown in
Table 4-2.
In either the 93XX76C or 93XX86C devices, the PE pin
must be tied to a specific logic level and cannot be
floated. In all other devices without the PE function, the
PE pin has no internal connections and programming is
always enabled.
TABLE 4-2:
WRITE PROTECTION SCHEME
EWEN/EWDS Latch
PE Pin*
Array WRITE
Enabled
1
Yes
Disabled
1
No
Enabled
0
No
Disabled
0
No
* PE pin level does not alter the state of the EWEN/EWDS latch.
Note:
For devices with PE functionality such as 93XX76C or 93XX86C, the write sequence requires a logic high
signal on the PE pin prior to the rising edge of clock on the last data bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com