Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

93C66CT-E/MS Datasheet(PDF) 29 Page - Microchip Technology

Part # 93C66CT-E/MS
Description  1K-16K Microwire Compatible Serial EEPROMs
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

93C66CT-E/MS Datasheet(HTML) 29 Page - Microchip Technology

Back Button 93C66CT-E/MS Datasheet HTML 25Page - Microchip Technology 93C66CT-E/MS Datasheet HTML 26Page - Microchip Technology 93C66CT-E/MS Datasheet HTML 27Page - Microchip Technology 93C66CT-E/MS Datasheet HTML 28Page - Microchip Technology 93C66CT-E/MS Datasheet HTML 29Page - Microchip Technology 93C66CT-E/MS Datasheet HTML 30Page - Microchip Technology 93C66CT-E/MS Datasheet HTML 31Page - Microchip Technology 93C66CT-E/MS Datasheet HTML 32Page - Microchip Technology 93C66CT-E/MS Datasheet HTML 33Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 38 page
background image
© 2007 Microchip Technology Inc.
DS21929D-page 29
93XX46X/56X/66X/76X/86X
6-Lead Plastic Small Outline Transistor (CH or OT) [SOT-23]
Notes:
1. Dimensions D and E1 do not include mold flash or protrusions. Mold flash or protrusions shall not exceed 0.127 mm per side.
2. Dimensioning and tolerancing per ASME Y14.5M.
BSC: Basic Dimension. Theoretically exact value shown without tolerances.
Note:
For the most current package drawings, please see the Microchip Packaging Specification located at
http://www.microchip.com/packaging
Units
MILLIMETERS
Dimension Limits
MIN
NOM
MAX
Number of Pins
N
6
Pitch
e
0.95 BSC
Outside Lead Pitch
e1
1.90 BSC
Overall Height
A
0.90
–
1.45
Molded Package Thickness
A2
0.89
–
1.30
Standoff
A1
0.00
–
0.15
Overall Width
E
2.20
–
3.20
Molded Package Width
E1
1.30
–
1.80
Overall Length
D
2.70
–
3.10
Foot Length
L
0.10
–
0.60
Footprint
L1
0.35
–
0.80
Foot Angle
φ
0°
–
30°
Lead Thickness
c
0.08
–
0.26
Lead Width
b
0.20
–
0.51
b
E
4
N
E1
PIN 1 ID BY
LASER MARK
D
1
2
3
e
e1
A
A1
A2
c
L
L1
φ
Microchip Technology Drawing C04-028B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com