Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

93C66CT-E/MS Datasheet(PDF) 28 Page - Microchip Technology

Part # 93C66CT-E/MS
Description  1K-16K Microwire Compatible Serial EEPROMs
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

93C66CT-E/MS Datasheet(HTML) 28 Page - Microchip Technology

Back Button 93C66CT-E/MS Datasheet HTML 24Page - Microchip Technology 93C66CT-E/MS Datasheet HTML 25Page - Microchip Technology 93C66CT-E/MS Datasheet HTML 26Page - Microchip Technology 93C66CT-E/MS Datasheet HTML 27Page - Microchip Technology 93C66CT-E/MS Datasheet HTML 28Page - Microchip Technology 93C66CT-E/MS Datasheet HTML 29Page - Microchip Technology 93C66CT-E/MS Datasheet HTML 30Page - Microchip Technology 93C66CT-E/MS Datasheet HTML 31Page - Microchip Technology 93C66CT-E/MS Datasheet HTML 32Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 38 page
background image
93XX46X/56X/66X/76X/86X
DS21929D-page 28
© 2007 Microchip Technology Inc.
8-Lead Plastic Dual Flat, No Lead Package (MC) – 2x3x0.9 mm Body [DFN]
Notes:
1. Pin 1 visual index feature may vary, but must be located within the hatched area.
2. Package may have one or more exposed tie bars at ends.
3. Package is saw singulated.
4. Dimensioning and tolerancing per ASME Y14.5M.
BSC: Basic Dimension. Theoretically exact value shown without tolerances.
REF: Reference Dimension, usually without tolerance, for information purposes only.
Note:
For the most current package drawings, please see the Microchip Packaging Specification located at
http://www.microchip.com/packaging
Units
MILLIMETERS
Dimension Limits
MIN
NOM
MAX
Number of Pins
N
8
Pitch
e
0.50 BSC
Overall Height
A
0.80
0.90
1.00
Standoff
A1
0.00
0.02
0.05
Contact Thickness
A3
0.20 REF
Overall Length
D
2.00 BSC
Overall Width
E
3.00 BSC
Exposed Pad Length
D2
1.30
–
1.75
Exposed Pad Width
E2
1.50
–
1.90
Contact Width
b
0.18
0.25
0.30
Contact Length
L
0.30
0.40
0.50
Contact-to-Exposed Pad
K
0.20
–
–
D
N
E
NOTE 1
1
2
EXPOSED PAD
NOTE 1
2
1
D2
K
L
E2
N
e
b
A3
A1
A
NOTE 2
BOTTOM VIEW
TOP VIEW
Microchip Technology Drawing C04-123B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com