Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

93AA86CT-E/MS Datasheet(PDF) 23 Page - Microchip Technology

Part # 93AA86CT-E/MS
Description  1K-16K Microwire Compatible Serial EEPROMs
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

93AA86CT-E/MS Datasheet(HTML) 23 Page - Microchip Technology

Back Button 93AA86CT-E/MS Datasheet HTML 19Page - Microchip Technology 93AA86CT-E/MS Datasheet HTML 20Page - Microchip Technology 93AA86CT-E/MS Datasheet HTML 21Page - Microchip Technology 93AA86CT-E/MS Datasheet HTML 22Page - Microchip Technology 93AA86CT-E/MS Datasheet HTML 23Page - Microchip Technology 93AA86CT-E/MS Datasheet HTML 24Page - Microchip Technology 93AA86CT-E/MS Datasheet HTML 25Page - Microchip Technology 93AA86CT-E/MS Datasheet HTML 26Page - Microchip Technology 93AA86CT-E/MS Datasheet HTML 27Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 38 page
background image
© 2007 Microchip Technology Inc.
DS21929D-page 23
93XX46X/56X/66X/76X/86X
Example:
6-Lead SOT-23
XXNN
1EL7
3-Wire 6-Lead SOT-23 Package Marking
Part
Industrial
Line 1
Marking
E-Temp
Line 1
Marking
Part
Industrial
Line 1
Marking
E-Temp
Line 1
Marking
Part
Industrial
Line 1
Marking
E-Temp
Line 1
Marking
93AA46A
1BNN
1CNN
93LC46A
1ENN
1FNN
93C46A
1HNN
1JNN
93AA46B
1LNN
1MNN
93LC46B
1PNN
1RNN
93C46B
1TNN
1UNN
93AA56A
2BNN
2CNN
93LC56A
2ENN
2FNN
93C56A
2HNN
2JNN
93AA56B
2LNN
2MNN
93LC56B
2PNN
2RNN
93C56B
2TNN
2UNN
93AA66A
3BNN
3CNN
93LC66A
3ENN
3FNN
93C66A
3HNN
3JNN
93AA66B
3LNN
3MNN
93LC66B
3PNN
3RNN
93C66B
3TNN
3UNN
93AA76A
4BNN
4CNN
93LC76A
4ENN
4FNN
93C76A
4HNN
4JNN
93AA76B
4LNN
4MNN
93LC76B
4PNN
4RNN
93C76B
4TNN
4UNN
93AA86A
5BNN
5CNN
93LC86A
5ENN
5FNN
93C86A
5HNN
5JNN
93AA86B
5LNN
5MNN
93LC86B
5PNN
5RNN
93C86B
5TNN
5UNN
Legend: XX...X
Part number or part number code
T
Temperature (I, E)
Y
Year code (last digit of calendar year)
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code (2 characters for small packages)
Pb-free JEDEC designator for Matte Tin (Sn)
Note:
For very small packages with no room for the Pb-free JEDEC designator
, the marking will only appear on the outer carton or reel label.
Note:
In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line, thus limiting the number of available
characters for customer-specific information.
3
e
3
e



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com