Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

93AA86CT-E/MS Datasheet(PDF) 10 Page - Microchip Technology

Part # 93AA86CT-E/MS
Description  1K-16K Microwire Compatible Serial EEPROMs
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

93AA86CT-E/MS Datasheet(HTML) 10 Page - Microchip Technology

Back Button 93AA86CT-E/MS Datasheet HTML 6Page - Microchip Technology 93AA86CT-E/MS Datasheet HTML 7Page - Microchip Technology 93AA86CT-E/MS Datasheet HTML 8Page - Microchip Technology 93AA86CT-E/MS Datasheet HTML 9Page - Microchip Technology 93AA86CT-E/MS Datasheet HTML 10Page - Microchip Technology 93AA86CT-E/MS Datasheet HTML 11Page - Microchip Technology 93AA86CT-E/MS Datasheet HTML 12Page - Microchip Technology 93AA86CT-E/MS Datasheet HTML 13Page - Microchip Technology 93AA86CT-E/MS Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 38 page
background image
93XX46X/56X/66X/76X/86X
DS21929D-page 10
© 2007 Microchip Technology Inc.
3.0
FUNCTIONAL DESCRIPTION
When the ORG pin is connected to VCC, the (x16)
organization is selected. When it is connected to
ground, the (x8) organization is selected. Instruc-
tions, addresses and write data are clocked into the
DI pin on the rising edge of the clock (CLK). The DO
pin is normally held in a High-Z state except when
reading data from the device, or when checking the
Ready/Busy status during a programming operation.
The Ready/Busy status can be verified during an
Erase/Write operation by polling the DO pin; DO low
indicates that programming is still in progress, while
DO high indicates the device is ready. DO will enter
the High-Z state on the falling edge of CS.
3.1
Start Condition
The Start bit is detected by the device if CS and DI are
both high with respect to the positive edge of CLK for
the first time.
Before a Start condition is detected, CS, CLK and DI
may change in any combination (except to that of a
Start condition), without resulting in any device
operation (Read, Write, Erase, EWEN, EWDS, ERAL
or WRAL). As soon as CS is high, the device is no
longer in Standby mode.
An instruction following a Start condition will only be
executed if the required opcode, address and data bits
for any particular instruction are clocked in.
3.2
Data In/Data Out (DI/DO)
It is possible to connect the Data In and Data Out pins
together. However, with this configuration it is possible
for a “bus conflict” to occur during the “dummy zero”
that precedes the read operation, if A0 is a logic high
level. Under such a condition the voltage level seen at
Data Out is undefined and will depend upon the relative
impedances of Data Out and the signal source driving
A0. The higher the current sourcing capability of the
driver, the higher the voltage at the Data Out pin. In
order to limit this current, a resistor should be
connected between DI and DO.
3.3
Data Protection
All modes of operation are inhibited when VCC is below
a typical voltage of 1.5V for ‘93AAXX’ and ‘93LCXX’
devices or 3.8V for ‘93CXX’ devices.
The EWEN and EWDS commands give additional
protection against accidentally programming during
normal operation.
After power-up, the device is automatically in the
EWDS mode. Therefore, an EWEN instruction must be
performed before the initial ERASE or WRITE instruction
can be executed.
Block Diagram
Note:
When preparing to transmit an instruction,
either the CLK or DI signal levels must be
at a logic low as CS is toggled active high.
Note:
For added protection, an EWDS command
should be performed after every write
operation and an external 10 k
Ω pull-down
protection resistor should be added to the
CS pin.
Note:
To prevent accidental writes to the array in
the 93XX76C/86C devices, set the PE pin
to a logic low.
VCC
VSS
HV Generator
EEPROM
Array
I/O Control
Logic
Memory
Control
Logic
X
Dec
Byte Latches
Y Decoder
Sense Amp.
R/W Control
DI
DO
CS
CLK
ORG(1)
PE(2)
Note 1: ORG pin: Only on 93XX46C/56C/66C/76C/86C.
2: PE pin: Only on 93XX76C/86C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com