Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

93AA86CT-E/MS Datasheet(PDF) 24 Page - Microchip Technology

Part # 93AA86CT-E/MS
Description  1K-16K Microwire Compatible Serial EEPROMs
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

93AA86CT-E/MS Datasheet(HTML) 24 Page - Microchip Technology

Back Button 93AA86CT-E/MS Datasheet HTML 20Page - Microchip Technology 93AA86CT-E/MS Datasheet HTML 21Page - Microchip Technology 93AA86CT-E/MS Datasheet HTML 22Page - Microchip Technology 93AA86CT-E/MS Datasheet HTML 23Page - Microchip Technology 93AA86CT-E/MS Datasheet HTML 24Page - Microchip Technology 93AA86CT-E/MS Datasheet HTML 25Page - Microchip Technology 93AA86CT-E/MS Datasheet HTML 26Page - Microchip Technology 93AA86CT-E/MS Datasheet HTML 27Page - Microchip Technology 93AA86CT-E/MS Datasheet HTML 28Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 38 page
background image
93XX46X/56X/66X/76X/86X
DS21929D-page 24
© 2007 Microchip Technology Inc.
3-Wire 8-Lead MSOP Package Marking
Part
Line 1 Marking
Part
Line 1 Marking
Part
Line 1 Marking
93AA46A
3A46AT
93LC46A
3L46AT
93C46A
3C46AT
93AA46B
3A46BT
93LC46B
3L46BT
93C46B
3C46BT
93AA46C
3A46CT
93LC46C
3L46CT
93C46C
3C46CT
93AA56A
3A56AT
93LC56A
3L56AT
93C56A
3C56AT
93AA56B
3A56BT
93LC56B
3L56BT
93C56B
3C56BT
93AA56C
3A56CT
93LC56C
3L56CT
93C56C
3C56CT
93AA66A
3A66AT
93LC66A
3L66AT
93C66A
3C66AT
93AA66B
3A66BT
93LC66B
3L66BT
93C66B
3C66BT
93AA66C
3A66CT
93LC66C
3L66CT
93C66C
3C66CT
93AA76A
3A76AT
93LC76A
3L76AT
93C76A
3C76AT
93AA76B
3A76BT
93LC76B
3L76BT
93C76B
3C76BT
93AA76C
3A76CT
93LC76C
3L76CT
93C76C
3C76CT
93AA86A
3A86AT
93LC86A
3L86AT
93C86A
3C86AT
93AA86B
3A86BT
93LC86B
3L86BT
93C86B
3C86BT
93AA86C
3A86CT
93LC86C
3L86CT
93C86C
3C86CT
Note:
T = Temperature Range: I = Industrial, E = Extended
8-Lead MSOP (150 mil)
Example:
XXXXXXT
YWWNNN
3L46AI
5281L7
Legend: XX...X
Part number or part number code
T
Temperature (I, E)
Y
Year code (last digit of calendar year)
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code (2 characters for small packages)
Pb-free JEDEC designator for Matte Tin (Sn)
Note:
For very small packages with no room for the Pb-free JEDEC designator
, the marking will only appear on the outer carton or reel label.
Note:
In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line, thus limiting the number of available
characters for customer-specific information.
3
e
3
e



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com