Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

93AA86CT-E/MS Datasheet(PDF) 13 Page - Microchip Technology

Part # 93AA86CT-E/MS
Description  1K-16K Microwire Compatible Serial EEPROMs
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

93AA86CT-E/MS Datasheet(HTML) 13 Page - Microchip Technology

Back Button 93AA86CT-E/MS Datasheet HTML 9Page - Microchip Technology 93AA86CT-E/MS Datasheet HTML 10Page - Microchip Technology 93AA86CT-E/MS Datasheet HTML 11Page - Microchip Technology 93AA86CT-E/MS Datasheet HTML 12Page - Microchip Technology 93AA86CT-E/MS Datasheet HTML 13Page - Microchip Technology 93AA86CT-E/MS Datasheet HTML 14Page - Microchip Technology 93AA86CT-E/MS Datasheet HTML 15Page - Microchip Technology 93AA86CT-E/MS Datasheet HTML 16Page - Microchip Technology 93AA86CT-E/MS Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 38 page
background image
© 2007 Microchip Technology Inc.
DS21929D-page 13
93XX46X/56X/66X/76X/86X
3.6
ERASE/WRITE DISABLE And
ENABLE (EWDS/EWEN)
The 93XX series devices power-up in the Erase/Write
Disable (EWDS) state. All programming modes must
be preceded by an Erase/Write Enable (EWEN) instruc-
tion. Once the EWEN instruction is executed, program-
ming remains enabled until an EWDS instruction is
executed or VCC is removed from the device.
To protect against accidental data disturbance, the
EWDS
instruction can be used to disable all Erase/Write
functions
and
should
follow
all
programming
operations.
Execution
of
a
READ
instruction
is
independent of both the EWEN and EWDS instructions.
FIGURE 3-5:
EWDS TIMING
FIGURE 3-6:
EWEN TIMING
CS
CLK
DI
10
00
0
x
•••
x
TCSL
1x
CS
CLK
DI
00
1
1
x
TCSL
•••



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com