Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

93AA86CT-E/MS Datasheet(PDF) 25 Page - Microchip Technology

Part # 93AA86CT-E/MS
Description  1K-16K Microwire Compatible Serial EEPROMs
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

93AA86CT-E/MS Datasheet(HTML) 25 Page - Microchip Technology

Back Button 93AA86CT-E/MS Datasheet HTML 21Page - Microchip Technology 93AA86CT-E/MS Datasheet HTML 22Page - Microchip Technology 93AA86CT-E/MS Datasheet HTML 23Page - Microchip Technology 93AA86CT-E/MS Datasheet HTML 24Page - Microchip Technology 93AA86CT-E/MS Datasheet HTML 25Page - Microchip Technology 93AA86CT-E/MS Datasheet HTML 26Page - Microchip Technology 93AA86CT-E/MS Datasheet HTML 27Page - Microchip Technology 93AA86CT-E/MS Datasheet HTML 28Page - Microchip Technology 93AA86CT-E/MS Datasheet HTML 29Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 38 page
background image
© 2007 Microchip Technology Inc.
DS21929D-page 25
93XX46X/56X/66X/76X/86X
NNN
XXXX
TYWW
8-Lead TSSOP
1L7
L46A
I528
Example:
3-Wire 8-Lead TSSOP Package Marking
Part
Line 1 Marking
Part
Line 1 Marking
Part
Line 1 Marking
93AA46A
A46A
93LC46A
L46A
93C46A
C46A
93AA46B
A46B
93LC46B
L46B
93C46B
C46B
93AA46C
A46C
93LC46C
L46C
93C46C
C46C
93AA56A
A56A
93LC56A
L56A
93C56A
C56A
93AA56B
A56B
93LC56B
L56B
93C56B
C56B
93AA56C
A56C
93LC56C
L56C
93C56C
C56C
93AA66A
A66A
93LC66A
L66A
93C66A
C66A
93AA66B
A66B
93LC66B
L66B
93C66B
C66B
93AA66C
A66C
93LC66C
L66C
93C66C
C66C
93AA76A
A76A
93LC76A
L76A
93C76A
C76A
93AA76B
A76B
93LC76B
L76B
93C76B
C76B
93AA76C
A76C
93LC76C
L76C
93C76C
C76C
93AA86A
A86A
93LC86A
L86A
93C86A
C86A
93AA86B
A86B
93LC86B
L86B
93C86B
C86B
93AA86C
A86C
93LC86C
L86C
93C86C
C86C
Note:
Temperature range on second line.
Legend: XX...X
Part number or part number code
T
Temperature (I, E)
Y
Year code (last digit of calendar year)
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code (2 characters for small packages)
Pb-free JEDEC designator for Matte Tin (Sn)
Note:
For very small packages with no room for the Pb-free JEDEC designator
, the marking will only appear on the outer carton or reel label.
Note:
In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line, thus limiting the number of available
characters for customer-specific information.
3
e
3
e



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com