Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2940 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2940
Description  1A LOW DROPOUT REGULATOR
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2940 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LM2940 Datasheet HTML 1Page - National Semiconductor (TI) LM2940 Datasheet HTML 2Page - National Semiconductor (TI) LM2940 Datasheet HTML 3Page - National Semiconductor (TI) LM2940 Datasheet HTML 4Page - National Semiconductor (TI) LM2940 Datasheet HTML 5Page - National Semiconductor (TI) LM2940 Datasheet HTML 6Page - National Semiconductor (TI) LM2940 Datasheet HTML 7Page - National Semiconductor (TI) LM2940 Datasheet HTML 8Page - National Semiconductor (TI) LM2940 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
MICROCIRCUIT DATA SHEET
MNLM2940-12-X REV 1A1
Features
- Dropout voltage typically 0.5V @ Io = 1A
- Output current in excess of 1A
- Output voltage trimmed before assembly
- Reverse battery protection
- Internal short circuit current limit
- Mirror image insertion protection
- CONTROLLING DOCUMENT
- LM2940J-12/883
5962-9088401QEA
- LM2940K-12/883
5962-9088401MYA
- LM2940WG-12/883
5962-9088401QXA
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com