Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2940 Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2940
Description  1A LOW DROPOUT REGULATOR
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2940 Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button LM2940 Datasheet HTML 2Page - National Semiconductor (TI) LM2940 Datasheet HTML 3Page - National Semiconductor (TI) LM2940 Datasheet HTML 4Page - National Semiconductor (TI) LM2940 Datasheet HTML 5Page - National Semiconductor (TI) LM2940 Datasheet HTML 6Page - National Semiconductor (TI) LM2940 Datasheet HTML 7Page - National Semiconductor (TI) LM2940 Datasheet HTML 8Page - National Semiconductor (TI) LM2940 Datasheet HTML 9Page - National Semiconductor (TI) LM2940 Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
MNLM2940-12-X REV 1A1
MICROCIRCUIT DATA SHEET
Electrical Characteristics
DC PARAMETERS:(Continued)
(The following conditions apply to all the following parameters, unless otherwise specified.)
DC:
Vin = 17V, Io = 1A, Cout = 22uF
SYMBOL
PARAMETER
CONDITIONS
NOTES
PIN-
NAME
MIN
MAX
UNIT
SUB-
GROUPS
Vdo
Dropout Voltage
Io = 1A
0
0.7
V
1
0
1
V
2, 3
Io = 100mA
0
200
mV
1
0
300
mV
2, 3
Isc
Short Circuit
Current
Vin = 17V
1.6
A
1
1.3
A
2, 3
AC PARAMETERS:
(The following conditions apply to all the following parameters, unless otherwise specified.)
AC:
Vin = 17V, Io = 1A, Cout = 22uF
Max Line
Transient
Vo < 13V, Ro = 100 Ohms, T = 20ms
1
40
V
7, 8A,
8B
Reverse Polarity
Input Voltage
Transient
T = 20ms, Ro = 100 Ohms
1
-45
V
7, 8A,
8B
No
Output Noise
Voltage
Vin = 17V, Io = 5mA, 10Hz = 100KHz
1
0
1000
uVrms 4, 5,
6
Zo
Output Impedance
Vin = 17V, Io = 100mA DC and 20mA AC,
fo
= 120Hz
1
1
Ohm
4, 5,
6
RR
Ripple Rejection
Vin = 17V, 1Vrms, f = 1KHz, Io = 5mA
1
52
dB
4
1
46
dB
5, 6
Note 1:
Functional test only.
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com