Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2940 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2940
Description  1A LOW DROPOUT REGULATOR
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2940 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LM2940 Datasheet HTML 1Page - National Semiconductor (TI) LM2940 Datasheet HTML 2Page - National Semiconductor (TI) LM2940 Datasheet HTML 3Page - National Semiconductor (TI) LM2940 Datasheet HTML 4Page - National Semiconductor (TI) LM2940 Datasheet HTML 5Page - National Semiconductor (TI) LM2940 Datasheet HTML 6Page - National Semiconductor (TI) LM2940 Datasheet HTML 7Page - National Semiconductor (TI) LM2940 Datasheet HTML 8Page - National Semiconductor (TI) LM2940 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
MNLM2940-12-X REV 1A1
MICROCIRCUIT DATA SHEET
Electrical Characteristics
DC PARAMETERS:
(The following conditions apply to all the following parameters, unless otherwise specified.)
DC:
Vin = 17V, Io = 1A, Cout = 22uF
SYMBOL
PARAMETER
CONDITIONS
NOTES
PIN-
NAME
MIN
MAX
UNIT
SUB-
GROUPS
Vout
Output Voltage
Vin = 17V, Io = 5mA
11.64
12.36
V
1
11.40
12.60
V
2, 3
Vin = 13.6V, Io = 5mA
11.64
12.36
V
1
11.40
12.60
V
2, 3
Vin = 14V, Io = 5mA
11.64
12.36
V
1
11.40
12.60
V
2, 3
Vin = 26V, Io = 5mA
11.64
12.36
V
1
11.40
12.60
V
2, 3
Vin = 17V, Io = 1A
11.64
12.36
V
1
11.40
12.60
V
2, 3
Vin = 13.6V, Io = 1A
11.64
12.36
V
1
11.40
12.60
V
2, 3
Vin = 13.6V, Io = 50mA
11.64
12.36
V
1
11.40
12.60
V
2, 3
Vin = 17V, Io = 50mA
11.64
12.36
V
1
11.40
12.60
V
2, 3
Reverse Polarity
Input Voltage DC
Ro = 100 Ohms
1
-15
V
1, 2,
3
Iq
Quiescent Current
Vin = 17V, Io = 5mA
0
15
mA
1
0
20
mA
2, 3
Vin = 14V, Io = 5mA
0
15
mA
1
0
20
mA
2, 3
Vin = 26V, Io = 5mA
0
15
mA
1
0
20
mA
2, 3
Vin = 17V, Io = 1A
0
50
mA
1
0
60
mA
2, 3
Vrline
Line Regulation
14V < Vin < 26V, Io = 5mA
-75
75
mV
1
-120
120
mV
2, 3
Vrload
Load Regulation
Vin = 17V, 50mA < Io < 1A
-120
120
mV
1
-190
190
mV
2, 3
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com