Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2940 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2940
Description  1A LOW DROPOUT REGULATOR
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2940 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LM2940 Datasheet HTML 1Page - National Semiconductor (TI) LM2940 Datasheet HTML 2Page - National Semiconductor (TI) LM2940 Datasheet HTML 3Page - National Semiconductor (TI) LM2940 Datasheet HTML 4Page - National Semiconductor (TI) LM2940 Datasheet HTML 5Page - National Semiconductor (TI) LM2940 Datasheet HTML 6Page - National Semiconductor (TI) LM2940 Datasheet HTML 7Page - National Semiconductor (TI) LM2940 Datasheet HTML 8Page - National Semiconductor (TI) LM2940 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
MICROCIRCUIT DATA SHEET
MNLM2940-12-X REV 1A1
Recommended Operating Conditions
(Note 1)
Input Voltage
26V
Operating Temperature Range
-55 C < TA < +125 C
Note 1:
Absolute Maximum Ratings are limits beyond which damage to the device may occur.
Operating Ratings are conditions for which the device is functional, but do not
guarantee specific performance limits. For guaranteed specifications and test
conditions see the Electrical Characteristics. The guaranteed specifications apply
only for the test conditions listed. Some performance characteristics may degrade
when the device is not operated under the listed test conditions.
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com