Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2940 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2940
Description  1A LOW DROPOUT REGULATOR
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2940 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM2940 Datasheet HTML 1Page - National Semiconductor (TI) LM2940 Datasheet HTML 2Page - National Semiconductor (TI) LM2940 Datasheet HTML 3Page - National Semiconductor (TI) LM2940 Datasheet HTML 4Page - National Semiconductor (TI) LM2940 Datasheet HTML 5Page - National Semiconductor (TI) LM2940 Datasheet HTML 6Page - National Semiconductor (TI) LM2940 Datasheet HTML 7Page - National Semiconductor (TI) LM2940 Datasheet HTML 8Page - National Semiconductor (TI) LM2940 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Original Creation Date: 07/22/96
Last Update Date: 10/08/99
Last Major Revision Date: 07/22/96
MNLM2940-12-X REV 1A1
MICROCIRCUIT DATA SHEET
1A LOW DROPOUT REGULATOR
General Description
The LM2940 positive voltage regulator features the ability to source 1A of ouput current
with a dropout voltage of typically 0.5V and a maximum of 1V over the entire temperature
range. Furthermore, a quiescent current reduction circuit has been included which reduces
the ground current when the differential between the input voltage and the output voltage
exceeds approximately 3V. The quiescent current with 1A of output current and an
input-output differential of 5V is therefore only 30 mA. Higher quiescent currents only
exist when the regulator is in the dropout mode (Vin - Vout < 3V).
Designed also for vehicular applications, the LM2940 and all regulated circuitry are
protected from reverse battery installations or 2-battery jumps. During line transients,
such as load dump when the input voltage can momentarily exceed the specified maximum
operating voltage, the regulator will automaically shut down to protect both the internal
circuits and the load. The LM2940 cannot be harmed by temporary mirror-image insertion.
Familiar regulator features such as short circuit and thermal overload protection are also
provided.
NS Part Numbers
LM2940J-12/883
LM2940K-12/883
LM2940WG-12/883
Industry Part Number
LM2940
Prime Die
LM2940
Controlling Document
SEE FEATURE SECTION
Processing
MIL-STD-883, Method 5004
Quality Conformance Inspection
MIL-STD-883, Method 5005
Subgrp Description
Temp ( C)
o
1
Static tests at
+25
2
Static tests at
+125
3
Static tests at
-55
4
Dynamic tests at
+25
5
Dynamic tests at
+125
6
Dynamic tests at
-55
7
Functional tests at
+25
8A
Functional tests at
+125
8B
Functional tests at
-55
9
Switching tests at
+25
10
Switching tests at
+125
11
Switching tests at
-55
1


Similar Part No. - LM2940

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2940 NSC-LM2940 Datasheet
504Kb / 19P
1A Low Dropout Regulator
logo
List of Unclassifed Man...
LM2940 ETC-LM2940 Datasheet
196Kb / 5P
1.25A High Current Low Dropout
logo
Unisonic Technologies
LM2940 UTC-LM2940 Datasheet
154Kb / 11P
1A LOW-DROPOUT POSITIVE VOLTAGE REGULATOR
LM2940 UTC-LM2940 Datasheet
357Kb / 11P
1A LOW-DROPOUT POSITIVE VOLTAGE REGULATOR
LM2940 UTC-LM2940 Datasheet
373Kb / 12P
1A LOW-DROPOUT POSITIVE VOLTAGE REGULATOR
More results

Similar Description - LM2940

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2940 NSC-LM2940 Datasheet
504Kb / 19P
1A Low Dropout Regulator
logo
List of Unclassifed Man...
EP1117 ETC1-EP1117 Datasheet
245Kb / 8P
1A Low Dropout Regulator
logo
ADDtek Corp
AMC1117 ADDTEK-AMC1117 Datasheet
192Kb / 9P
1A LOW DROPOUT POSITIVE REGULATOR
JULY 2006
logo
Burr-Brown (TI)
REG104 BURR-BROWN-REG104_08 Datasheet
763Kb / 21P
DMOS 1A Low-Dropout Regulator
logo
IK Semicon Co., Ltd
IL78RXX IKSEMICON-IL78RXX Datasheet
309Kb / 17P
1A LOW DROPOUT POSITIVE REGULATOR
logo
Texas Instruments
REG104-25 TI1-REG104-25 Datasheet
845Kb / 23P
1A Low-Dropout Regulator
logo
Global Mixed-mode Techn...
AT9910 GMT-AT9910 Datasheet
63Kb / 1P
1A Low Dropout Regulator
AT9911 GMT-AT9911 Datasheet
64Kb / 1P
1A Low Dropout Regulator
logo
Texas Instruments
LM2940-N TI1-LM2940-N_16 Datasheet
2Mb / 37P
1A Low Dropout Regulator
LM2940QML TI1-LM2940QML_16 Datasheet
390Kb / 17P
1A Low Dropout Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com