Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8000YCPZ-R2 Datasheet(PDF) 6 Page - Analog Devices

Part # AD8000YCPZ-R2
Description  1.5 GHz, Ultrahigh Speed Op Amp
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8000YCPZ-R2 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD8000YCPZ-R2 Datasheet HTML 2Page - Analog Devices AD8000YCPZ-R2 Datasheet HTML 3Page - Analog Devices AD8000YCPZ-R2 Datasheet HTML 4Page - Analog Devices AD8000YCPZ-R2 Datasheet HTML 5Page - Analog Devices AD8000YCPZ-R2 Datasheet HTML 6Page - Analog Devices AD8000YCPZ-R2 Datasheet HTML 7Page - Analog Devices AD8000YCPZ-R2 Datasheet HTML 8Page - Analog Devices AD8000YCPZ-R2 Datasheet HTML 9Page - Analog Devices AD8000YCPZ-R2 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
AD8000
Data Sheet
Rev. C | Page 6 of 17
TYPICAL PERFORMANCE CHARACTERISTICS
FREQUENCY (MHz)
10
1
100
1000
–7
–6
–5
–4
–3
–2
–1
0
1
2
3
VS = 5V
RL = 150
VOUT = 200mV p-p
G = +1, RF = 432
G = +2, RF = 432, RG = 432
G = +10, RF = 357, RG = 40.2
Figure 5. Small Signal Frequency Response vs. Various Gains
FREQUENCY (MHz)
10
1
100
1000
–7
–6
–5
–4
–3
–2
–1
0
1
2
3
VS = 5V
RL = 150
VOUT = 200mV p-p
G = –1, RF = RG = 249
G = –2, RF = 432, RG = 215
G = –10, RF = 432, RG = 43.2
Figure 6. Small Signal Frequency Response vs. Various Gains
–7
–6
–5
–4
–3
–2
–1
0
1
2
3
FREQUENCY (MHz)
1
100
10
1000
VS = 5V
RL = 150
VOUT = 2V p-p
G = +1, RF = 432
G = +2, RF = RG = 432
G = +4, RF = 357, RG = 121
G = +10, RF = 357, RG = 40.2
Figure 7. Large Signal Frequency Response vs. Various Gains
–3
0
3
6
9
FREQUENCY (MHz)
10
1
100
1000
VS = 5V
G = +2
RL = 150
VOUT = 200mV p-p
LFCSP
RF = 392
RF = 432
RF = 487
Figure 8. Small Signal Frequency Response vs. RF
–3
0
3
6
9
FREQUENCY (MHz)
10
1
100
1000
RF = 392
RF = 432
RF = 487
VS = 5V
G = +2
RL = 150
VOUT = 2V p-p
LFCSP
Figure 9. Large Signal Frequency Response vs. RF
FREQUENCY (MHz)
0.1
1
10
100
1000
0.1
1
10
100
1000
10000
TZ
PHASE
50
0
50
100
150
100
200
VS = 5V
RL = 100
Figure 10. Transimpedance and Phase vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com