Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8000YCPZ-R2 Datasheet(PDF) 12 Page - Analog Devices

Part # AD8000YCPZ-R2
Description  1.5 GHz, Ultrahigh Speed Op Amp
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8000YCPZ-R2 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD8000YCPZ-R2 Datasheet HTML 8Page - Analog Devices AD8000YCPZ-R2 Datasheet HTML 9Page - Analog Devices AD8000YCPZ-R2 Datasheet HTML 10Page - Analog Devices AD8000YCPZ-R2 Datasheet HTML 11Page - Analog Devices AD8000YCPZ-R2 Datasheet HTML 12Page - Analog Devices AD8000YCPZ-R2 Datasheet HTML 13Page - Analog Devices AD8000YCPZ-R2 Datasheet HTML 14Page - Analog Devices AD8000YCPZ-R2 Datasheet HTML 15Page - Analog Devices AD8000YCPZ-R2 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
AD8000
Data Sheet
Rev. C | Page 12 of 17
FREQUENCY (Hz)
0.1
1
10
100
1000
100k
10k
100
1k
10
1M
10M
100M
1G
VS = 5V
INVERTING CURRENT NOISE, RF = 1k
NONINVERTING CURRENT NOISE, RF = 432
Figure 41. Input Current Noise
–20
–15
–10
–5
0
5
10
15
20
VCM (V)
–5
–4
–3
–2
–1
0
1
2
3
4
5
VS = +5V
VS = 5V
Figure 42. Input VOS vs. Common-Mode Voltage
–25
–20
–15
–10
–5
0
5
10
15
20
25
–5
–4
–3
–2
–1
0
1
2
3
4
5
VOUT (V)
VS = +5V
VS = 5V
Figure 43. Input Bias Current vs. Output Voltage
–5
–4
–3
–2
–1
0
1
2
3
4
5
–50
–45
–40
–35
–30
–25
–20
–15
–10
–5
0
VCM (V)
VS = +5V
VS = 5V
Figure 44. Input Bias Current vs. Common-Mode Voltage
FREQUENCY (MHz)
–50
–45
–40
–35
–30
–25
–20
–15
–10
–5
10
100
1000
RBACK TERM = 50
VS = 5V
G = +2
POUT = –10dBm
SOIC
Figure 45. Output Voltage Standing Wave Ratio (S22)
FREQUENCY (MHz)
–50
–45
–40
–35
–30
–25
–20
–15
–10
–5
10
100
1000
INPUT RS = 0
VS = 5V
POUT = –10dBm
SOIC
G = +10
G = +1
G = +2
Figure 46. Input Voltage Standing Wave Ratio (S11)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com