Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8000YCPZ-R2 Datasheet(PDF) 14 Page - Analog Devices

Part # AD8000YCPZ-R2
Description  1.5 GHz, Ultrahigh Speed Op Amp
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8000YCPZ-R2 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD8000YCPZ-R2 Datasheet HTML 9Page - Analog Devices AD8000YCPZ-R2 Datasheet HTML 10Page - Analog Devices AD8000YCPZ-R2 Datasheet HTML 11Page - Analog Devices AD8000YCPZ-R2 Datasheet HTML 12Page - Analog Devices AD8000YCPZ-R2 Datasheet HTML 13Page - Analog Devices AD8000YCPZ-R2 Datasheet HTML 14Page - Analog Devices AD8000YCPZ-R2 Datasheet HTML 15Page - Analog Devices AD8000YCPZ-R2 Datasheet HTML 16Page - Analog Devices AD8000YCPZ-R2 Datasheet HTML 17Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
AD8000
Data Sheet
Rev. C | Page 14 of 17
APPLICATIONS INFORMATION
All current feedback amplifier operational amplifiers are affected
by stray capacitance at the inverting input pin. As a practical
consideration, the higher the stray capacitance on the inverting
input to ground, the higher RF needs to be to minimize peaking
and ringing.
CIRCUIT CONFIGURATIONS
Figure 50 and Figure 51 show typical schematics for noninverting
and inverting configurations. For current feedback amplifiers,
the value of feedback resistance determines the stability and
bandwidth of the amplifier. The optimum performance values
are shown in Table 5 and should not be deviated from by more
than ±10% to ensure stable operation. Figure 8 shows the influence
varying RF has on bandwidth. In noninverting unity-gain
configurations, it is recommended that an RS of 50 Ω be used,
as shown in Figure 50.
Table 5 provides a quick reference for the circuit values, gain,
and output voltage noise.
FB
AD8000
10
F
0.1
F
RG
RS
+VS
VO
VIN
RL
–
+
VO
+V
–VS
–V
10
F
0.1
F
RF
+
+
NONINVERTING
Figure 50. Noninverting Configuration
FB
AD8000
10
F
0.1
F
RG
+VS
VO
VIN
RL
–
+
VO
+V
–VS
–V
10
F
0.1
F
RF
+
+
Figure 51. Inverting Configuration
VIDEO LINE DRIVER
The AD8000 is designed to offer outstanding performance as a
video line driver. The important specifications of differential
gain (0.02%), differential phase (0.01°), and 650 MHz bandwidth at
2 V p-p meet the most exacting video demands. Figure 52 shows a
typical noninverting video driver with a gain of +2.
432
432
75
CABLE
75
75
VOUT
+VS
–VS
VIN
0.1
F
4.7
F
AD8000
0.1
F
4.7
F
75
CABLE
75
+
+
+
FB
Figure 52. Video Line Driver
Table 5. Typical Values (LFCSP/SOIC)
Gain
Component
Values (Ω)
−3 dB SS Bandwidth
(MHz)
−3 dB LS Bandwidth
(MHz)
Slew Rate
(V/μs)
Output Noise
(nV/√Hz)
Total Output Noise Including
Resistors (nV/√Hz)
RF
RG
LFCSP
SOIC
LFCSP
SOIC
1
432
1380
1580
550
600
2200
10.9
11.2
2
432
432
600
650
610
650
3700
11.3
11.9
4
357
120
550
550
350
350
3800
10
12
10
357
40
350
365
370
370
3200
18.4
19.9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com