Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8000YCPZ-R2 Datasheet(PDF) 1 Page - Analog Devices

Part # AD8000YCPZ-R2
Description  1.5 GHz, Ultrahigh Speed Op Amp
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8000YCPZ-R2 Datasheet(HTML) 1 Page - Analog Devices

  AD8000YCPZ-R2 Datasheet HTML 1Page - Analog Devices AD8000YCPZ-R2 Datasheet HTML 2Page - Analog Devices AD8000YCPZ-R2 Datasheet HTML 3Page - Analog Devices AD8000YCPZ-R2 Datasheet HTML 4Page - Analog Devices AD8000YCPZ-R2 Datasheet HTML 5Page - Analog Devices AD8000YCPZ-R2 Datasheet HTML 6Page - Analog Devices AD8000YCPZ-R2 Datasheet HTML 7Page - Analog Devices AD8000YCPZ-R2 Datasheet HTML 8Page - Analog Devices AD8000YCPZ-R2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
1.5 GHz, Ultrahigh Speed Op Amp
Data Sheet
AD8000
Rev. C
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no re-
sponsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2005–2016 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
High speed
1.5 GHz, −3 dB bandwidth (G = +1)
650 MHz, full power bandwidth (G = +2, VO = 2 V p-p)
Slew rate: 4100 V/μs
0.1% settling time: 12 ns
Excellent video specifications
0.1 dB flatness: 170 MHz
Differential gain: 0.02%
Differential phase: 0.01°
Output overdrive recovery: 22 ns
Low noise: 1.6 nV/√Hz input voltage noise
Low distortion over wide bandwidth
75 dBc SFDR at 20 MHz
62 dBc SFDR at 50 MHz
Input offset voltage: 1 mV typical
High output current: 100 mA
Wide supply voltage range: 4.5 V to 12 V
Supply current: 13.5 mA
Power-down mode
APPLICATIONS
Professional video
High speed instrumentation
Video switching
IF/RF gain stage
CCD imaging
GENERAL DESCRIPTION
The AD8000 is an ultrahigh speed, high performance, current
feedback amplifier. Using Analog Devices, Inc., proprietary
eXtra Fast Complementary Bipolar (XFCB) process, the ampli-
fier can achieve a small signal bandwidth of 1.5 GHz and a slew
rate of 4100 V/μs.
The AD8000 has low spurious-free dynamic range (SFDR) of
75 dBc at 20 MHz and input voltage noise of 1.6 nV/√Hz. The
AD8000 can drive over 100 mA of load current with minimal
distortion. The amplifier can operate on +5 V to ±6 V. These
specifications make the AD8000 ideal for a variety of applica-
tions, including high speed instrumentation.
With a differential gain of 0.02%, differential phase of 0.01°, and
0.1 dB flatness out to 170 MHz, the AD8000 has excellent video
specifications, which ensure that even the most demanding
video systems maintain excellent fidelity.
CONNECTION DIAGRAMS
POWER DOWN
FEEDBACK
–IN
+IN
OUTPUT
+VS
NC
–VS
AD8000
TOP VIEW
(Not to Scale)
NOTES
1. NC = NO CONNECT.
2. THE EXPOSED PADDLE IS CONNECTED TO GROUND.
3
4
1
2
6
5
8
7
Figure 1. 8-Lead AD8000, 3 mm × 3 mm LFCSP (CP-8-13)
NOTES
1. NC = NO CONNECT.
2. THE EXPOSED PADDLE IS CONNECTED TO GROUND.
FEEDBACK
1
–IN
2
+IN
3
–VS
4
POWER DOWN
8
+VS
7
OUTPUT
6
NC
5
AD8000
TOP VIEW
(Not to Scale)
Figure 2. 8-Lead AD8000 SOIC_N_EP (RD-8-1)
The AD8000 power-down mode reduces the supply current to
1.3 mA. The amplifier is available in a tiny 8-lead LFCSP package,
as well as in an 8-lead SOIC package. The AD8000 is rated to work
over the extended industrial temperature range (−40°C to +125°C).
A triple version of the AD8000 (AD8003) is underdevelopment.
–7
–6
–5
–4
–3
–2
–1
0
1
2
3
FREQUENCY (MHz)
1
100
10
1000
VS = 5V
RL = 150
VOUT = 2V p-p
G = +2, RF = 432
Figure 3. Large Signal Frequency Response


Similar Part No. - AD8000YCPZ-R2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8000YCPZ-R2 AD-AD8000YCPZ-R2 Datasheet
525Kb / 20P
1.5 GHz Ultrahigh Speed Op Amp
Jan-2005
More results

Similar Description - AD8000YCPZ-R2

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX477 MAXIM-MAX477 Datasheet
178Kb / 12P
300MHz High-Speed Op Amp
Rev 2; 5/97
logo
M.S. Kennedy Corporatio...
MSK1461 MSK-MSK1461 Datasheet
302Kb / 5P
HIGH SPEED/VOLTAGE OP AMP
logo
National Semiconductor ...
LMH6551 NSC-LMH6551 Datasheet
935Kb / 19P
Differential, High Speed Op Amp
logo
Analog Devices
AD8003 AD-AD8003 Datasheet
684Kb / 16P
Triple, 1.5 GHz Op Amp
2/06-Rev. 0 to Rev. A
AD8000 AD-AD8000 Datasheet
525Kb / 20P
1.5 GHz Ultrahigh Speed Op Amp
Jan-2005
logo
National Semiconductor ...
LMH6550 NSC-LMH6550_06 Datasheet
913Kb / 17P
Differential, High Speed Op Amp
logo
Analog Devices
AD8000 AD-AD8000_15 Datasheet
611Kb / 21P
1.5 GHz Ultrahigh Speed Op Amp
REV. B
AD8003 AD-AD8003_15 Datasheet
947Kb / 17P
Triple, 1.5 GHz Op Amp
REV. C
logo
Texas Instruments
LMH6551Q TI-LMH6551Q_15 Datasheet
1Mb / 26P
Differential, High Speed Op Amp
logo
Analog Devices
AD8003 AD-AD8003_16 Datasheet
782Kb / 17P
Triple, 1.5 GHz Op Amp
Rev. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com