Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8000YCPZ-R2 Datasheet(PDF) 10 Page - Analog Devices

Part # AD8000YCPZ-R2
Description  1.5 GHz, Ultrahigh Speed Op Amp
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8000YCPZ-R2 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD8000YCPZ-R2 Datasheet HTML 6Page - Analog Devices AD8000YCPZ-R2 Datasheet HTML 7Page - Analog Devices AD8000YCPZ-R2 Datasheet HTML 8Page - Analog Devices AD8000YCPZ-R2 Datasheet HTML 9Page - Analog Devices AD8000YCPZ-R2 Datasheet HTML 10Page - Analog Devices AD8000YCPZ-R2 Datasheet HTML 11Page - Analog Devices AD8000YCPZ-R2 Datasheet HTML 12Page - Analog Devices AD8000YCPZ-R2 Datasheet HTML 13Page - Analog Devices AD8000YCPZ-R2 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
AD8000
Data Sheet
Rev. C | Page 10 of 17
–120
–110
–100
–90
–80
–70
–60
–50
–40
FREQUENCY (MHz)
1
10
100
SECOND HD
THIRD HD
VS = 5V
VOUT = 2V p-p
G = –1
RL = 1k
LFCSP
Figure 29. Harmonic Distortion vs. Frequency
0.01
0.1
1
10
100
1k
FREQUENCY (MHz)
1
0.1
10
100
1000
VS = 5V
VIN = 0.2V p-p
RF = 432
LFCSP
G = +1
OR G = +2
Figure 30. Output Impedance vs. Frequency
2.35
2.40
2.45
2.50
2.55
2.60
2.65
0
5
10
15
20
25
30
35
40
45
50
TIME (ns)
G = +2
G = +1
VS = 5V
RF = 432
RS = 0
RL = 100
Figure 31. Small Signal Transient Response
FREQUENCY (MHz)
1
0.1
10
100
–75
–70
–60
–40
–30
–20
–15
–10
–50
–65
–45
–35
–25
–55
VS = 5V
VIN = 2V p-p
RL = 100
G = +1
RF = 432
–PSRR
+PSRR
Figure 32. Power Supply Rejection Ratio (PSRR) vs. Frequency
FREQUENCY (MHz)
1
0.1
10
100
1000
–60
–40
–30
–50
–65
–45
–35
–25
–55
VS = 5V
VIN = 1V p-p
RL = 100
LFCSP
Figure 33. Common-Mode Rejection Ratio vs. Frequency
–0.150
–0.125
–0.075
0.025
0.075
0.125
0.150
0.175
–0.025
–0.100
0
0.050
0.100
–0.050
TIME (ns)
–0.175
0
5
10
15
20
25
30
35
40
45
50
G = +1
G = +2
VS = 5V
RF = 432
RS = 0
RL = 100
Figure 34. Small Signal Transient Response



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com