Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DJIXP972MLAA4 Datasheet(PDF) 13 Page - Intel Corporation

Part # DJIXP972MLAA4
Description  Single-Port 10/100 Mbps PHY Transceiver
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

DJIXP972MLAA4 Datasheet(HTML) 13 Page - Intel Corporation

Back Button DJIXP972MLAA4 Datasheet HTML 9Page - Intel Corporation DJIXP972MLAA4 Datasheet HTML 10Page - Intel Corporation DJIXP972MLAA4 Datasheet HTML 11Page - Intel Corporation DJIXP972MLAA4 Datasheet HTML 12Page - Intel Corporation DJIXP972MLAA4 Datasheet HTML 13Page - Intel Corporation DJIXP972MLAA4 Datasheet HTML 14Page - Intel Corporation DJIXP972MLAA4 Datasheet HTML 15Page - Intel Corporation DJIXP972MLAA4 Datasheet HTML 16Page - Intel Corporation DJIXP972MLAA4 Datasheet HTML 17Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 92 page
background image
Intel
® LXT972M Single-Port 10/100 Mbps PHY Transceiver
Datasheet
13
Document Number: 302875-005
Revision Date: 27-Oct-2005
Note:
For the tables in this section and the following sections, the abbreviations listed in Table 2 are used
for the “Type” column.
Table 3 lists the LXT972M Transceiver LQFP pin numbers, symbols, and pin types.
Table 2.
Intel® LXT972M Transceiver Signal Types
Abbreviation
Meaning
AI
Analog Input
AO
Analog Output
I
Input
I/O
Input/Output
O
Output
OD
Open Drain
Table 3.
Intel
® LXT972M Transceiver LQFP Numeric Pin List (Sheet 1 of 2)
Pin
Symbol
Type
1
CRS
O
2
REFCLK/XI
AI
3XO
AO
4
RESET_L
I
5GND
–
6
VCCIO
–
7NC
–
8NC
–
9GND
–
10
ADDR0
I
11
ADDR1
I
12
RBIAS
AI
13
GNDA
–
14
TPOP
AO
15
TPON
AO
16
VCCA
–
17
TPIP
AI
18
TPIN
AI
19
TDI
I
20
TDO
O
21
TMS
I
22
TCK
I
23
TRST_L
I
24
GND
–
25
GND
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com