Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DJIXP972MLAA4 Datasheet(PDF) 3 Page - Intel Corporation

Part # DJIXP972MLAA4
Description  Single-Port 10/100 Mbps PHY Transceiver
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

DJIXP972MLAA4 Datasheet(HTML) 3 Page - Intel Corporation

  DJIXP972MLAA4 Datasheet HTML 1Page - Intel Corporation DJIXP972MLAA4 Datasheet HTML 2Page - Intel Corporation DJIXP972MLAA4 Datasheet HTML 3Page - Intel Corporation DJIXP972MLAA4 Datasheet HTML 4Page - Intel Corporation DJIXP972MLAA4 Datasheet HTML 5Page - Intel Corporation DJIXP972MLAA4 Datasheet HTML 6Page - Intel Corporation DJIXP972MLAA4 Datasheet HTML 7Page - Intel Corporation DJIXP972MLAA4 Datasheet HTML 8Page - Intel Corporation DJIXP972MLAA4 Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 92 page
background image
Intel
® LXT972M Single-Port 10/100 Mbps PHY Transceiver
Datasheet
3
Document Number: 302875-005
Revision Date: 27-Oct-2005
Contents
1.0
Introduction to This Document ......................................................................................... 10
1.1
Document Overview ............................................................................................10
1.2
Related Documents............................................................................................. 10
2.0
Block Diagram for Intel
® LXT972M Transceiver...............................................................11
3.0
Pin Assignments for Intel® LXT972M Transceiver ...........................................................12
4.0
Signal Descriptions for Intel
® LXT972M Transceiver .......................................................15
5.0
Functional Description...................................................................................................... 21
5.1
Device Overview .................................................................................................22
5.1.1
Comprehensive Functionality ................................................................. 22
5.1.2
Optimal Signal Processing Architecture ................................................. 22
5.2
Network Media / Protocol Support.......................................................................23
5.2.1
10/100 Network Interface .......................................................................23
5.2.2
MII Data Interface ................................................................................... 25
5.2.3
Configuration Management Interface ..................................................... 25
5.3
Operating Requirements .....................................................................................28
5.3.1
Power Requirements ..............................................................................28
5.3.2
Clock Requirements ............................................................................... 28
5.4
Initialization.......................................................................................................... 29
5.4.1
MDIO Control Mode and Hardware Control Mode .................................31
5.4.2
Reduced-Power Modes .......................................................................... 31
5.4.3
Reset for Intel
® LXT972M Transceiver...................................................31
5.4.4
Hardware Configuration Settings ...........................................................33
5.5
Establishing Link .................................................................................................34
5.5.1
Auto-Negotiation.....................................................................................34
5.5.2
Parallel Detection ................................................................................... 35
5.6
MII Operation....................................................................................................... 36
5.6.1
MII Clocks............................................................................................... 37
5.6.2
Transmit Enable .....................................................................................38
5.6.3
Receive Data Valid ................................................................................. 38
5.6.4
Carrier Sense ......................................................................................... 39
5.6.5
Error Signals........................................................................................... 39
5.6.6
Collision .................................................................................................. 39
5.6.7
Loopback................................................................................................ 40
5.7
100 Mbps Operation ............................................................................................41
5.7.1
100BASE-X Network Operations ...........................................................41
5.7.2
Collision Indication ................................................................................. 44
5.7.3
100BASE-X Protocol Sublayer Operations ............................................ 45
5.8
10 Mbps Operation.............................................................................................. 50
5.8.1
10BASE-T Preamble Handling ............................................................... 50
5.8.2
10BASE-T Carrier Sense .......................................................................50
5.8.3
10BASE-T Dribble Bits ........................................................................... 50
5.8.4
10BASE-T Link Integrity Test ................................................................. 51
5.8.5
Link Failure ............................................................................................. 51



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com