Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DJIXP972MLAA4 Datasheet(PDF) 40 Page - Intel Corporation

Part # DJIXP972MLAA4
Description  Single-Port 10/100 Mbps PHY Transceiver
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

DJIXP972MLAA4 Datasheet(HTML) 40 Page - Intel Corporation

Back Button DJIXP972MLAA4 Datasheet HTML 36Page - Intel Corporation DJIXP972MLAA4 Datasheet HTML 37Page - Intel Corporation DJIXP972MLAA4 Datasheet HTML 38Page - Intel Corporation DJIXP972MLAA4 Datasheet HTML 39Page - Intel Corporation DJIXP972MLAA4 Datasheet HTML 40Page - Intel Corporation DJIXP972MLAA4 Datasheet HTML 41Page - Intel Corporation DJIXP972MLAA4 Datasheet HTML 42Page - Intel Corporation DJIXP972MLAA4 Datasheet HTML 43Page - Intel Corporation DJIXP972MLAA4 Datasheet HTML 44Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 92 page
background image
Intel
® LXT972M Single-Port 10/100 Mbps PHY Transceiver
40
Datasheet
Document Number: 302875-005
Revision Date: 27-Oct-2005
5.6.7
Loopback
The LXT972M Transceiver provides the following loopback functions:
• Section 5.6.7.1, “Operational Loopback”
• Section 5.6.7.2, “Internal Digital Loopback (Test Loopback)”
Figure 10 shows LXT972M Transceiver loopback paths.
5.6.7.1
Operational Loopback
• Operational loopback is provided for 10 Mbps half-duplex links when Register bit 16.8 = 0.
Data that the MAC (TXData) transmits loops back on the receive side of the MII (RXData).
• Operational loopback is not provided for 100 Mbps links, full-duplex links, or when Register
16.8 = 1.
Figure 10. Intel
® LXT972M Transceiver Loopback Paths
B3485-01
10T
Loopback
Digital
Block
MII
100X
Loopback
Analog
Block
Intel® LXT972M Transceiver
Operational
Loopback
Test Loopback
TX
Driver



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com