Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DJIXP972MLAA4 Datasheet(PDF) 59 Page - Intel Corporation

Part # DJIXP972MLAA4
Description  Single-Port 10/100 Mbps PHY Transceiver
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

DJIXP972MLAA4 Datasheet(HTML) 59 Page - Intel Corporation

Back Button DJIXP972MLAA4 Datasheet HTML 55Page - Intel Corporation DJIXP972MLAA4 Datasheet HTML 56Page - Intel Corporation DJIXP972MLAA4 Datasheet HTML 57Page - Intel Corporation DJIXP972MLAA4 Datasheet HTML 58Page - Intel Corporation DJIXP972MLAA4 Datasheet HTML 59Page - Intel Corporation DJIXP972MLAA4 Datasheet HTML 60Page - Intel Corporation DJIXP972MLAA4 Datasheet HTML 61Page - Intel Corporation DJIXP972MLAA4 Datasheet HTML 62Page - Intel Corporation DJIXP972MLAA4 Datasheet HTML 63Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 92 page
background image
Intel
® LXT972M Single-Port 10/100 Mbps PHY Transceiver
Datasheet
59
Document Number: 302875-005
Revision Date: 27-Oct-2005
Figure 20 shows the LXT972M Transceiver in a typical twisted-pair interface, with the RJ-45
connections configured for a NIC application.
Figure 20. Intel
® LXT972M Transceiver Typical Twisted-Pair Interface - NIC
1. Center tap current may be supplied from 3.3 V VCCA as shown. Additional power savings may be
realized by supplying the center tap from a 2.5 V current source. A separate ferrite bead (rated at 50
mA) should be used to supply center-tap current.
2. The 100
Ω transmit load termination resistor typically required is integrated in the LXT972M
Transceiver.
3. Magnetics without a receive pair center tap do not require a 2 kV termination.
4. RJ-45 connections shown for standard NIC. TX/RX crossover may be required for repeater and
switch applications.
TPIP
TPIN
* = 0.001
μF / 2.0 kV
1:1
Intel®
LXT972M
Transceiver
1:1
1
TPOP
TPON
VCCA
GND
0.1
μF
.01
μF
2
270 pF 5%
270 pF 5%
0.01
μF
50
Ω 1%
50
Ω 1%
**
3
SD/TP_L
6
3
8
7
5
4
1
2
50
Ω
50
Ω
50
Ω
RJ-45
50
Ω
50
Ω
50
Ω
4
0.1
μF
B3513-01



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com