Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DJIXP972MLAA4 Datasheet(PDF) 28 Page - Intel Corporation

Part # DJIXP972MLAA4
Description  Single-Port 10/100 Mbps PHY Transceiver
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

DJIXP972MLAA4 Datasheet(HTML) 28 Page - Intel Corporation

Back Button DJIXP972MLAA4 Datasheet HTML 24Page - Intel Corporation DJIXP972MLAA4 Datasheet HTML 25Page - Intel Corporation DJIXP972MLAA4 Datasheet HTML 26Page - Intel Corporation DJIXP972MLAA4 Datasheet HTML 27Page - Intel Corporation DJIXP972MLAA4 Datasheet HTML 28Page - Intel Corporation DJIXP972MLAA4 Datasheet HTML 29Page - Intel Corporation DJIXP972MLAA4 Datasheet HTML 30Page - Intel Corporation DJIXP972MLAA4 Datasheet HTML 31Page - Intel Corporation DJIXP972MLAA4 Datasheet HTML 32Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 92 page
background image
Intel
® LXT972M Single-Port 10/100 Mbps PHY Transceiver
28
Datasheet
Document Number: 302875-005
Revision Date: 27-Oct-2005
5.3
Operating Requirements
5.3.1
Power Requirements
The LXT972M Transceiver requires three power supply inputs:
• VCCA
• VCCD
• VCCIO
The digital and analog circuits require 3.3 V supplies (VCCA and VCCD). These inputs may be
supplied from a single source. Each supply input must be de-coupled to ground.
An additional supply may be used for the MII (VCCIO). The supply may be either +2.5 V or
+3.3 V. Also, the inputs on the MII interface are tolerant to 5 V signals from the controller on the
other side of the MII interface. For MII I/O characteristics, see Table 24, “Digital I/O
Characteristics1 - MII Pins” on page 62.
Note:
Bring up power supplies as close to the same time as possible.
Note:
As a matter of good practice, keep power supplies as clean as possible.
5.3.2
Clock Requirements
5.3.2.1
External Crystal/Oscillator
The LXT972M Transceiver requires a reference clock input that is used to generate transmit
signals and recover receive signals. It may be provided by either of two methods: by connecting a
crystal across the oscillator pins (XI and XO) with load capacitors, or by connecting an external
clock source to pin XI.
The connection of a clock source to the XI pin requires the XO pin to be left open. To minimize
transmit jitter, Intel recommends a crystal-based clock instead of a derived clock (that is, a PLL-
based clock).
A crystal is typically used in NIC applications. An external 25 MHz clock source, rather than a
crystal, is frequently used in switch applications. For clock timing requirements, see Table 25, “I/O
Characteristics - REFCLK/XI and XO Pins” on page 63.
5.3.2.2
MDIO Clock
The MII management channel (MDIO) also requires an external clock. The managed data clock
(MDC) speed is a maximum of 8 MHz. For details, see Table 37, “Intel® LXT972M Transceiver
MDIO Timing” on page 72.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com