Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M58WR064B Datasheet(PDF) 77 Page - STMicroelectronics

Part # M58WR064B
Description  64 Mbit (4Mb x 16, Multiple Bank, Burst ) 1.8V Supply Flash Memory
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58WR064B Datasheet(HTML) 77 Page - STMicroelectronics

Back Button M58WR064B Datasheet HTML 73Page - STMicroelectronics M58WR064B Datasheet HTML 74Page - STMicroelectronics M58WR064B Datasheet HTML 75Page - STMicroelectronics M58WR064B Datasheet HTML 76Page - STMicroelectronics M58WR064B Datasheet HTML 77Page - STMicroelectronics M58WR064B Datasheet HTML 78Page - STMicroelectronics M58WR064B Datasheet HTML 79Page - STMicroelectronics M58WR064B Datasheet HTML 80Page - STMicroelectronics M58WR064B Datasheet HTML 81Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 77 / 81 page
background image
77/81
M58WR064T, M58WR064B
APPENDIX D. COMMAND INTERFACE STATE TABLES
Table 40. Command Interface States - Modify Table, Next State
Note: 1. CI = Command Interface, CR = Configuration Register, EFP = Enhanced Factory Program, Quad EFP = Quadruple Enhanced Fac-
tory Program, DWP = Double Word Program, QWP = Quadruple Word Program, P/E. C. = Program/Erase Controller.
2. At Power-Up, all banks are in Read Array mode. A Read Array command issued to a busy bank, results in undetermined data out-
put.
3. The two cycle command should be issued to the same bank address.
4. If the P/E.C. is active, both cycles are ignored.
5. The Clear Status Register command clears the Status Register error bits except when the P/E.C. is busy or suspended.
6. EFP and Quad EFP are allowed only when Status Register bit SR0 is set to ‘0’.E FP and Quad EFP are busy if Block Address is
first EFP Address. Any other commands are treated as data.
Current CI State
Next CI State After Command Inp ut
Read
Array(2)
Program
DWP,
QWP
Setup
(3,4)
Block
Erase,
Bank
Erase
Setup
(3,4)
EFP
Setup
Quad-
EFP
Setup
Erase
Confirm
P/E
Resume,
Block
Unlock
confirm,
EFP
Confirm
Program/
Erase
Suspend
Read
Status
Register
Clear
status
Register
(5)
Read
Electronic
signature,
Read CFI
Query
Ready
Ready
Program
Setup
Erase Setup
EFP Setup
Quad-EFP
Setup
Ready
Lock/CR Setup
Ready (Lock Error)
Ready
Ready (Lock Error)
OTP
Setup
OTP Busy
Busy
Program
Setup
Program Busy
Busy
Program Busy
Program
Suspended
Program Busy
Suspend
Program Suspended
Program
Busy
ProgramSuspended
Erase
Setup
Ready (error)
EraseBusy
Ready (error)
Busy
EraseBusy
Eras e
Sus pended
EraseBusy
Suspend
Erase
Suspended
Program in
Erase
Suspend
Erase Sus pended
EraseBusy
EraseSuspended
Program
in Erase
Suspend
Setup
Program in Erase Sus pend Bus y
Busy
Program in Erase Sus pend Bus y
Program in
Eras e
Suspend
Sus pended
Program in E ras e Sus pend Bus y
Suspend
Program in Erase Sus pend Suspended
Program in
Erase
Sus pend
Bus y
Program in E ras e Suspend Suspended
Lock/CR Setup
in Erase Suspend
EraseSuspend (Lock Error)
Erase
Suspend
EraseSuspend (Lock Error)
EFP
Setup
Ready (error)
EFPBusy
Ready (error)
Busy
EFPBusy(6)
Verify
EFPVerify
(6)
Quad
EFP
Setup
QuadEFPBusy
(6)
Busy
Quad EFPBusy(6)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com