Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M58WR064B Datasheet(PDF) 47 Page - STMicroelectronics

Part # M58WR064B
Description  64 Mbit (4Mb x 16, Multiple Bank, Burst ) 1.8V Supply Flash Memory
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58WR064B Datasheet(HTML) 47 Page - STMicroelectronics

Back Button M58WR064B Datasheet HTML 43Page - STMicroelectronics M58WR064B Datasheet HTML 44Page - STMicroelectronics M58WR064B Datasheet HTML 45Page - STMicroelectronics M58WR064B Datasheet HTML 46Page - STMicroelectronics M58WR064B Datasheet HTML 47Page - STMicroelectronics M58WR064B Datasheet HTML 48Page - STMicroelectronics M58WR064B Datasheet HTML 49Page - STMicroelectronics M58WR064B Datasheet HTML 50Page - STMicroelectronics M58WR064B Datasheet HTML 51Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 81 page
background image
47/81
M58WR064T, M58WR064B
Table 22. Write AC Characteristics, Write Enable Controlled
Note: 1. Sampled only, not 100% tested.
2. tWHEL has the values shown when reading in the targeted bank. System designers should take this into account and may insert a
software No-Op instruction to delay the first read in the same bank after issuing a command. If the read operation is in a different
bank tWHEL is 0ns.
3. To be characterized.
Symbol
Alt
Parameter
M58WR064
Unit
70
85
100
tAVAV
tWC
Address Valid to Next Address Valid
Min
70(3)
85
100
ns
tAVLH
Address Valid to Latch Enable High
Min
10
10
10
ns
tAVWH
tWC
Address Valid to Write Enable High
Min
45(3)
60
60
ns
tDVWH
tDS
Input Valid to Write Enable High
Min
45(3)
60
60
ns
tELLH
Chip Enable Low to Latch Enable High
Min
10
10
10
ns
tELWL
tCS
Chip Enable Low to Write Enable Low
Min
0
0
0
ns
tELQV
Latch Enable Low to Output Valid
Min
70(3)
85
100
ns
tGHWL
Output Enable High to Write Enable Low
Min
20
20
20
ns
tLHAX
Latch Enable High to Address Transition
Min
9
9
9
ns
tLLLH
Latch Enable Pulse Width
Min
10
10
10
ns
tWHAV
Write Enable High to Address Valid
Min
0
0
0
ns
tWHAX
tAH
Write Enable High to Address Transition
Min
0
0
0
ns
tWHDX
tDH
Write Enable High to Input Transition
Min
0
0
0
ns
tWHEH
tCH
Write Enable High to Chip Enable High
Min
0
0
0
ns
tWHEL
(2)
Write Enable High to Chip Enable Low
Min
40(3)
50
50
ns
tWHGL
Write Enable High to Output Enable Low
Min
0
0
0
ns
tWHLL
Write Enable High to Latch Enable Low
Min
0
0
0
ns
tWHKV
Write Enable High to Clock Valid
Min
25
25
25
ns
tWHWL
tWPH
Write Enable High to Write Enable Low
Min
25
25
25
ns
tWHQV
Write Enable High to Output Valid
Min
110(3)
125
140
ns
tWLWH
tWP
Write Enable Low to Write Enable High
Min
45(3)
60
60
ns
tQVVPL
Output (Status Register) Valid to VPP Low
Min
0
0
0
ns
tQVWPL
Output (Status Register) Valid to VPP Low
Min
0
0
0
ns
tVPHWH
tVPS
VPP High to Write Enable High
Min
200
200
200
ns
tWHVPL
Write Enable High to VPP Low
Min
200
200
200
ns
tWHWPL
Write Enable High to Write Protect Low
Min
200
200
200
ns
tWPHWH
Write Protect High to Write Enable High
Min
200
200
200
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com