Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M58WR064B Datasheet(PDF) 5 Page - STMicroelectronics

Part # M58WR064B
Description  64 Mbit (4Mb x 16, Multiple Bank, Burst ) 1.8V Supply Flash Memory
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58WR064B Datasheet(HTML) 5 Page - STMicroelectronics

  M58WR064B Datasheet HTML 1Page - STMicroelectronics M58WR064B Datasheet HTML 2Page - STMicroelectronics M58WR064B Datasheet HTML 3Page - STMicroelectronics M58WR064B Datasheet HTML 4Page - STMicroelectronics M58WR064B Datasheet HTML 5Page - STMicroelectronics M58WR064B Datasheet HTML 6Page - STMicroelectronics M58WR064B Datasheet HTML 7Page - STMicroelectronics M58WR064B Datasheet HTML 8Page - STMicroelectronics M58WR064B Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 81 page
background image
5/81
M58WR064T, M58WR064B
Table 24. Reset and Power-up AC Characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .... .. .50
PACKAGE MECHANICAL . . . . . . . . . . . .... . . . ... . . . . .... ... .. . . . . . . ... .... .. .. .. .. . . . 51
Figure 17. VFBGA56 - 7.7x9mm, 8x7 ball array, 0.75mm pitch, Bottom View Package Outline. . . 51
Table 25. VFBGA56 - 7.7x9mm, 8x7 ball array, 0.75mm pitch, Package Mechanical Data . . .... 51
PART NUMBERING . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .... ... .... ... .52
Table 26. Ordering Information Scheme . . . . . . . . . . . . .... ... .. . . . . . . ... .... ... ... .. . . . 52
REVISION HISTORY. .... . ... ... .. . . . . .. ... .. .. ... . ... ... . ... ... . . . . . . ... . . . . . . .... 53
Table 27. Document Revision History . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .... . . . . 53
APPENDIX A. BLOCK ADDRESS TABLES . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 54
Table 28. Top Boot Block Addresses, M58WR064T. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 54
Table 29. Bottom Boot Block Addresses, M58WR064B . . . . . .... . . . ... . ... ... .. . ... . . ...56
APPENDIX B. COMMON FLASH INTERFACE . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 58
Table 30. Query Structure Overview . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .... . . . . 58
Table 31. CFI Query Identification String . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .... . . . . 58
Table 32. CFI Query System Interface Information. . . . . . . . . .... ... .... ... . . . . . . ... . . ...59
Table 33. Device Geometry Definition. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 59
Table 34. Primary Algorithm-Specific Extended Query Table . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 60
Table 35. Protection Register Information. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 61
Table 36. Burst Read Information . . . .... ... ... . . . . .... ... .. . . . . . . . . . . . . . . . . . . . . . . . . 61
Table 37. Bank and Erase Block Region Information . . .... ... .. . . . . ... . . . . . . . . . . . . . . . . . 61
Table 38. Bank and Erase Block Region 1 Information. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 62
Table 39. Bank and Erase Block Region 2 Information. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 63
APPENDIX C. FLOWCHARTS AND PSEUDO CODES. . . . . . . . . . . . . . . . . . . . . .... ... .... ... .65
Figure 18. Program Flowchart and Pseudo Code . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 65
Figure 19. Double Word Program Flowchart and Pseudo code . . . . . . . . . . . . . . . . . . . . . . . . . . . 66
Figure 20. Quadruple Word Program Flowchart and Pseudo Code . . . . . . . . . . . . . . . . . . . . .... 67
Figure 21. Program Suspend & Resume Flowchart and Pseudo Code . . . . . . .... ... .... .. .. 68
Figure 22. Block Erase Flowchart and Pseudo Code . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 69
Figure 23. Erase Suspend & Resume Flowchart and Pseudo Code. . . . . . . . . . . . . . . . . .... .. .70
Figure 24. Locking Operations Flowchart and Pseudo Code . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 71
Figure 25. Protection Register Program Flowchart and Pseudo Code . . . . . . . .... ... .... . . . . 72
Figure 26. Enhanced Factory Program Flowchart. ..... . . . . . . . ... ... . ... .. .. ... .. .. ... .73
Enhanced Factory Program Pseudo Code . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 74
Figure 27. Quadruple Enhanced Factory Program Flowchart . . . . . . . . . . . . . . .... ... .... ... .75
Quadruple Enhanced Factory Program Pseudo Code . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 76
APPENDIX D. COMMAND INTERFACE STATE TABLES . . . . . .... ... .... ... ... .. . ... . . ...77
Table 40. Command Interface States - Modify Table, Next State . . . . . . . . . . . . . . . . . . .... . . . . 77
Table 41. Command Interface States - Modify Table, Next Output . . . . . . . . . . . . . . . . . . . . . .... 78
Table 42. Command Interface States - Lock Table, Next State . . . . . . . . . . . . . . . . . . . . . . . . . . . 79
Table 43. Command Interface States - Lock Table, Next Output . . . . . . . . . . . .... ... ... .. . . . 80



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com