Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M58WR064B Datasheet(PDF) 49 Page - STMicroelectronics

Part # M58WR064B
Description  64 Mbit (4Mb x 16, Multiple Bank, Burst ) 1.8V Supply Flash Memory
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58WR064B Datasheet(HTML) 49 Page - STMicroelectronics

Back Button M58WR064B Datasheet HTML 45Page - STMicroelectronics M58WR064B Datasheet HTML 46Page - STMicroelectronics M58WR064B Datasheet HTML 47Page - STMicroelectronics M58WR064B Datasheet HTML 48Page - STMicroelectronics M58WR064B Datasheet HTML 49Page - STMicroelectronics M58WR064B Datasheet HTML 50Page - STMicroelectronics M58WR064B Datasheet HTML 51Page - STMicroelectronics M58WR064B Datasheet HTML 52Page - STMicroelectronics M58WR064B Datasheet HTML 53Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 81 page
background image
49/81
M58WR064T, M58WR064B
Table 23. Write AC Characteristics, Chip Enable Controlled
Note: 1. Sampled only, not 100% tested.
2. tWHEL has the values shown when reading in the targeted bank. System designers should take this into account and may insert a
software No-Op instruction to delay the first read in the same bank after issuing a command. If the read operation is in a different
bank tWHEL is 0ns.
3. To be characterized.
Symbol
Alt
Parameter
M58WR064
Unit
70
85
100
tAVAV
tWC
Address Valid to Next Address Valid
Min
70(3)
85
100
ns
tAVEH
tWC
Address Valid to Chip Enable High
Min
45(3)
60
60
ns
tAVLH
Address Valid to Latch Enable High
Min
10
10
10
ns
tDVEH
tDS
Input Valid to Write Enable High
Min
45(3)
60
60
ns
tEHAX
tAH
Chip Enable High to Address Transition
Min
0
0
0
ns
tEHDX
tDH
Chip Enable High to Input Transition
Min
0
0
0
ns
tEHEL
tWPH
Chip Enable High to Chip Enable Low
Min
25
25
25
ns
tEHGL
Chip Enable High to Output Enable Low
Min
0
0
0
ns
tEHWH
tCH
Chip Enable High to Write Enable High
Min
0
0
0
ns
tELEH
tWP
Chip Enable Low to Chip Enable High
Min
45(3)
60
60
ns
tELLH
Chip Enable Low to Latch Enable High
Min
10
10
10
ns
tELQV
Latch Enable Low to Output Valid
Min
70(3)
85
100
ns
tGHEL
Output Enable High to Chip Enable Low
Min
20
20
20
ns
tLHAX
Latch Enable High to Address Transition
Min
9
9
9
ns
tLLLH
Latch Enable Pulse Width
Min
10
10
10
ns
tWHEL
(2)
Write Enable High to Chip Enable Low
Min
40(3)
50
50
ns
tWHKV
Write Enable High to Clock Valid
Min
25
25
25
ns
tWLEL
tCS
Write Enable Low to Chip Enable Low
Min
0
0
0
ns
tEHVPL
Chip Enable High to VPP Low
Min
200
200
200
ns
tEHWPL
Chip Enable High to Write Protect Low
Min
200
200
200
ns
tQVVPL
Output (Status Register) Valid to VPP Low
Min
0
0
0
ns
tQVWPL
Output (Status Register) Valid to VPP Low
Min
0
0
0
ns
tVPHEH
tVPS
VPP High to Chip Enable High
Min
200
200
200
ns
tWPHEH
Write Protect High to Chip Enable High
Min
200
200
200
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com