Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M58WR064B Datasheet(PDF) 45 Page - STMicroelectronics

Part # M58WR064B
Description  64 Mbit (4Mb x 16, Multiple Bank, Burst ) 1.8V Supply Flash Memory
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58WR064B Datasheet(HTML) 45 Page - STMicroelectronics

Back Button M58WR064B Datasheet HTML 41Page - STMicroelectronics M58WR064B Datasheet HTML 42Page - STMicroelectronics M58WR064B Datasheet HTML 43Page - STMicroelectronics M58WR064B Datasheet HTML 44Page - STMicroelectronics M58WR064B Datasheet HTML 45Page - STMicroelectronics M58WR064B Datasheet HTML 46Page - STMicroelectronics M58WR064B Datasheet HTML 47Page - STMicroelectronics M58WR064B Datasheet HTML 48Page - STMicroelectronics M58WR064B Datasheet HTML 49Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 81 page
background image
45/81
M58WR064T, M58WR064B
Table 21. Synchronous Read AC Characteristics
Note: 1. Sampled only, not 100% tested.
2. For other timings please refer to Table 20, Asynchronous Read AC Characteristics.
3. To be characterized.
Symbol
Alt
Parameter
M58WR064
Unit
70
85
100
tAVKH
tAVCLKH
Address Valid to Clock High
Min
9
9
9
ns
tELKH
tELCLKH
Chip Enable Low to Clock High
Min
9
9
9
ns
tELTV
Chip Enable Low to Wait Valid
Max
14(3)
18
18
ns
tEHEL
Chip Enable Pulse Width
(subsequent synchronous reads)
Min
15(3)
20
20
ns
tEHTZ
Chip Enable High to Wait Hi-Z
Max
20(3)
25
25
ns
tKHAX
tCLKHAX
Clock High to Address Transition
Min
10
10
10
ns
tKHQV
tKHTV
tCLKHQV
Clock High to Output Valid
Clock High to WAIT Valid
Max
14(3)
18
18
ns
tKHQX
tKHTX
tCLKHQX
Clock High to Output Transition
Clock High to WAIT Transition
Min
3.5
3.5
3.5
ns
tLLKH
tADVLCLKH
Latch Enable Low to Clock High
Min
10
10
10
ns
tKHKH
tCLK
Clock Period (f=40MHz)
Min
25
25
ns
Clock Period (f=52MHz)
Min
19
ns
tKHKL
tCLKHCLKL
Clock High to Clock Low
Min
5
5
5
ns
tKLKH
tCLKLCLKH
Clock Low to Clock High
Max
5
5
5
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com