Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS12 Datasheet(PDF) 7 Page - Supertex, Inc

Part # PS12
Description  Quad Power Sequencing Controller
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

PS12 Datasheet(HTML) 7 Page - Supertex, Inc

Back Button PS12 Datasheet HTML 2Page - Supertex, Inc PS12 Datasheet HTML 3Page - Supertex, Inc PS12 Datasheet HTML 4Page - Supertex, Inc PS12 Datasheet HTML 5Page - Supertex, Inc PS12 Datasheet HTML 6Page - Supertex, Inc PS12 Datasheet HTML 7Page - Supertex, Inc PS12 Datasheet HTML 8Page - Supertex, Inc PS12 Datasheet HTML 9Page - Supertex, Inc PS12 Datasheet HTML 10Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
7
PS12
Functional Description
The PS12 provides power-up and power-down sequencing
for devices such as power supply modules, load switches,
ICs, etc. The four outputs PSA thru PSD are configured with
open drain drivers, which are typically used to power supply
modules. Some systems may require level-shifting or isolat-
ing drivers.
Upon application of power, the power-up delay timer is reset
and the enable outputs PSA thru PSD are de-asserted.
Window Comparator
The state of the four PS outputs and the associated power-
up and power-down sequencing is controlled by a window
comparator formed by the ON and OV voltage compara-
tors.
These comparators define a voltage window having thresh-
olds programmed by an external resistive divider. The ON
comparator defines the lower threshold of the window, while
the OV comparator defines the upper threshold of the win-
dow. Both comparator thresholds feature 200mV hyster-
esis.
Power-up and Power-down Sequence
Power supply voltage moving into the window causes the
start of a power-up sequence. The sequence consists of the
power-up delay, programmed by C
PUD, and the subsequent
assertion of the PS outputs in the sequence ABCD using the
enable to enable delays (T
AB, TBC, TCD), as programmed by
the resistors (R
AB, RBC, RCD).
Power supply voltage moving outside the window causes
the start of a power-down sequence. The sequence consists
of the de-assertion of the most recently asserted PS out-
put, typically PSD, and subsequent de-assertion of other as-
serted PS outputs in the sequence DCBA using the enable
delays (T
DC, TCB, TBA), as programmed by the resistors (RDC,
R
CB, RBA).
The power-up sequence may be terminated prematurely
by a power-down sequence. On the other hand, the pow-
er-down sequence is latching in nature; once power-down
is initiated, the sequence is brought to completion regard-
less of changes in the state of the window comparator. After
the power-down sequence is completed, a new power-up
sequence may start, depending on the state of the window
comparator at that time.
Enable Outputs at Low V
IN
The internal circuits of the PS12 can be expected to provide
well-defined outputs at a power supply voltage of about 3.3V
and above.
At lower power supply voltages, the existence of poorly
defined output levels should typically not be an issue if the
PS12 and the controlled loads share the same supply, since
the loads may not be adequately biased as well.
Some caution is warranted when the controlled loads are
independently powered and the power supply voltage to the
PS12 is inadequate or ill-defined.
Delay Time Considerations
The PS12 is characterized for enable to enable delay times
between 5ms and 200ms, which should cover most applica-
tions. Initial characterization of this device shows excellent
linearity between delay time and programming resistance for
a delay time in the range of 2.5ms to 5 seconds.
Shorting of a programming pin is not advised, and may re-
duce long term reliability, as internal circuits are not dimen-
sioned for sourcing the resultant pin current.
Power-up Delay (PUD)
The power-up delay is set by the time required to charge
the C
PUD capacitor to 1.2V. The PUD pin sources a current
of 12μA, resulting in a delay time of 100ms per µF. Charging
continues past the power-up delay until a voltage of about
4V is reached.
An internal voltage comparator at the PUD pin inhibits the
power-up sequence, should the C
PUD capacitor not be dis-
charged before initiating the power-up delay.
Discharge of the C
PUD capacitor occurs during the power-
down sequence. The discharge transistor is turned on at the
end of the sequence when PSA is the last remaining as-
serted output.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com